Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS8978 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDS8978
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8978 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDS8978 Datasheet HTML 1Page - Fairchild Semiconductor FDS8978 Datasheet HTML 2Page - Fairchild Semiconductor FDS8978 Datasheet HTML 3Page - Fairchild Semiconductor FDS8978 Datasheet HTML 4Page - Fairchild Semiconductor FDS8978 Datasheet HTML 5Page - Fairchild Semiconductor FDS8978 Datasheet HTML 6Page - Fairchild Semiconductor FDS8978 Datasheet HTML 7Page - Fairchild Semiconductor FDS8978 Datasheet HTML 8Page - Fairchild Semiconductor FDS8978 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8978 Rev. B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
-
-
1
µA
VGS = 0V
TJ = 150oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
On Characteristics
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.2
-
2.5
V
rDS(on)
Drain to Source On Resistance
ID = 7.5A, VGS = 10V
-
14
18
m
ID = 6.9A, VGS = 4.5V
-
17
21
ID = 7.5A, VGS = 10V,
TJ = 150oC
-
22
29
Dynamic Characteristics
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
907
-
pF
COSS
Output Capacitance
-
191
-
pF
CRSS
Reverse Transfer Capacitance
-
112
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
-
1.2
4.0
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V V
DD = 15V
ID = 7.5A
-
17
26
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
9
14
nC
Qgs
Gate to Source Gate Charge
-
2.3
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
1.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
3.3
-
nC
Switching Characteristics (VGS = 10V)
tON
Turn-On Time
VDD = 15V, ID = 7.5A
VGS = 10V, RGS = 16Ω
-
44
66
ns
td(ON)
Turn-On Delay Time
-
7
10.5
ns
tr
Rise Time
-
37
55.5
ns
td(OFF)
Turn-Off Delay Time
-
48
72
ns
tf
Fall Time
-
24
36
ns
tOFF
Turn-Off Time
-
72
108
ns
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Voltage
ISD = 7.5A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 7.5A, dISD/dt = 100A/µs
-
19
25
ns
QRR
Reverse Recovered Charge
ISD = 7.5A, dISD/dt = 100A/µs
-
10
13
nC
Notes:
1: Starting TJ = 25°C, L = 1mH, IAS = 7.5A, VDD = 30V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
a) 78°C/W when mounted on a 0.5 in2 pad of 2 oz copper.
b) 125°C/W when mounted on a 0.02 in2 pad of 2 oz copper.
c) 135°C/W when mounted on a minimun pad.


Podobny numer części - FDS8978

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978 Datasheet
439Kb / 9P
   Dual N-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
   30V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

Podobny opis - FDS8978

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com