Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN12AC Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FIN12AC
Szczegółowy opis  Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12AC Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN12AC_08 Datasheet HTML 6Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 7Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 8Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 9Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 10Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 11Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 12Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 13Page - Fairchild Semiconductor FIN12AC_08 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.2
10
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
-0.5
+4.6
V
All Input/Output Voltage
-0.5
+4.6
V
IOS
CTL Output Short-Circuit Duration
Continuous
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 4 seconds)
+260
°C
ESD
Human Body Model, JESD22-A114,Serial I/O Pins
8.0
kV
Human Body Model, JESD22-A114, All Pins
2.5
Charged Device Model, JESD22-C101
1.5
Symbol
Parameter
Min.
Max.
Unit
VDDA, VDDS Supply Voltage
2.5
3.3
V
VDDP
Supply Voltage
1.65
3.6
V
TA
Operating Temperature
-30
+70
°C
VDDA-PP
Supply Noise Voltage
100
mVPP


Podobny numer części - FIN12AC_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com