Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP29 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części TIP29
Szczegółowy opis  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP29 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  TIP29_08 Datasheet HTML 1Page - Fairchild Semiconductor TIP29_08 Datasheet HTML 2Page - Fairchild Semiconductor TIP29_08 Datasheet HTML 3Page - Fairchild Semiconductor TIP29_08 Datasheet HTML 4Page - Fairchild Semiconductor TIP29_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP29/TIP29A/TIP29B/TIP29C Rev. A
2
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300ms, Duty Cycle≤2%
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
*Collector-Emitter Sustaining Voltage
: TIP29
: TIP29A
: TIP29B
: TIP29C
IC = 30mA, IB = 0
40
60
80
100
V
V
V
V
ICEO
Collector Cut-off Current
: TIP29/29A
: TIP29B/29C
VCE = 30V, IB = 0
VCE = 60V, IB = 0
0.3
0.3
mA
mA
ICES
Collector Cut-off Current
: TIP29
: TIP29A
: TIP29B
: TIP29C
VCE = 40V, VEB = 0
VCE = 60V, VEB = 0
VCE = 80V, VEB = 0
VCE = 100V, VEB = 0
200
200
200
200
μA
μA
μA
μA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1.0
mA
hFE
*DC Current Gain
VCE = 4V, IC = 0.2A
VCE = 4V, IC = 1A
40
15
75
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1A, IB = 125mA
0.7
V
VBE(sat)
*Base-Emitter Saturation Voltage
VCE = 4V, IC = 1A
1.3
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 200mA
3.0
MHz


Podobny numer części - TIP29_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
TIP29-BP MCC-TIP29-BP Datasheet
163Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Comset Semiconductor
TIP2955 COMSET-TIP2955 Datasheet
72Kb / 3P
   SILICON POWER TRANSISTORS
logo
Mospec Semiconductor
TIP2955 MOSPEC-TIP2955 Datasheet
107Kb / 3P
   POWER TRANSISTORS(15A,60V,90W)
logo
ON Semiconductor
TIP2955 ONSEMI-TIP2955 Datasheet
114Kb / 6P
   Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Motorola, Inc
TIP2955 MOTOROLA-TIP2955 Datasheet
104Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Podobny opis - TIP29_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com