Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSE13003H3ASTU Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części KSE13003H3ASTU
Szczegółowy opis  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE13003H3ASTU Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  KSE13003H3ASTU Datasheet HTML 1Page - Fairchild Semiconductor KSE13003H3ASTU Datasheet HTML 2Page - Fairchild Semiconductor KSE13003H3ASTU Datasheet HTML 3Page - Fairchild Semiconductor KSE13003H3ASTU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSE13003 Rev. 1.0.0
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Switching Time
Figure 5. Safe Operating Area
Figure 6. Power Derating
0
1
2
3
4
5
0.0
0.4
0.8
1.2
1.6
2.0
I
B = 0mA
I
B = 100mA
I
B = 150mA
I
B = 200mA
I
B = 50mA
I
B = 250mA
I
B = 300mA
I
B = 400mA
I
B = 450mA
I
B = 500mA
I
B = 350mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
0.1
1
10
100
V
CE = 2V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 4 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
0.01
0.1
1
10
t
STG
t
F
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
I
CMAX. (pulse)
I
C MAX. (DC)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
T
C[
oC], CASE TEMPERATURE


Podobny numer części - KSE13003H3ASTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSE13003 FAIRCHILD-KSE13003 Datasheet
48Kb / 4P
   High Voltage Switch Mode Applications
logo
AiT Semiconductor Inc.
KSE13003 AITSEMI-KSE13003 Datasheet
370Kb / 13P
   AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
logo
Fairchild Semiconductor
KSE13003T FAIRCHILD-KSE13003T Datasheet
47Kb / 4P
   High Voltage Switch Mode Applications
More results

Podobny opis - KSE13003H3ASTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com