Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM7805CT Arkusz danych(PDF) 21 Page - Fairchild Semiconductor

Numer części LM7805CT
Szczegółowy opis  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7805CT Arkusz danych(HTML) 21 Page - Fairchild Semiconductor

Back Button LM7805CT Datasheet HTML 17Page - Fairchild Semiconductor LM7805CT Datasheet HTML 18Page - Fairchild Semiconductor LM7805CT Datasheet HTML 19Page - Fairchild Semiconductor LM7805CT Datasheet HTML 20Page - Fairchild Semiconductor LM7805CT Datasheet HTML 21Page - Fairchild Semiconductor LM7805CT Datasheet HTML 22Page - Fairchild Semiconductor LM7805CT Datasheet HTML 23Page - Fairchild Semiconductor LM7805CT Datasheet HTML 24Page - Fairchild Semiconductor LM7805CT Datasheet HTML 25Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0
Typical Performance Characteristics
Figure 3. Quiescent Current
Figure 4. Peak Output Current
Figure 5. Output Voltage
Figure 6. Quiescent Current
6
5.75
5.5
5.25
5
4.75
4.5
V
I = 10V
V
O = 5V
I
O = 5mA
-25
-50
0
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
3
2.5
2
1.5
1
.5
0
T
J = 25°C
∆V
O = 100mV
510
15
20
2530
35
INPUT-OUTPUT DIFFERENTIAL (V)
1.02
1.01
1
0.99
0.98
V
I – VO = 5V
I
O = 5mA
-25
-50
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
7
6.5
6
5.5
5
4.5
4
T
J = 25°C
V
O = 5V
I
O = 10mA
10
515
20
25
30
35
INPUT VOLTAGE (V)


Podobny numer części - LM7805CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM7805CT NSC-LM7805CT Datasheet
147Kb / 8P
   Series Voltage Regulators
logo
Fairchild Semiconductor
LM7805CT FAIRCHILD-LM7805CT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
National Semiconductor ...
LM7805CT NSC-LM7805CT Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM7805CT FAIRCHILD-LM7805CT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7805CT FAIRCHILD-LM7805CT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Podobny opis - LM7805CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com