Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST6201C Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części ST6201C
Szczegółowy opis  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 4Page - STMicroelectronics ST6201C Datasheet HTML 5Page - STMicroelectronics ST6201C Datasheet HTML 6Page - STMicroelectronics ST6201C Datasheet HTML 7Page - STMicroelectronics ST6201C Datasheet HTML 8Page - STMicroelectronics ST6201C Datasheet HTML 9Page - STMicroelectronics ST6201C Datasheet HTML 10Page - STMicroelectronics ST6201C Datasheet HTML 11Page - STMicroelectronics ST6201C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
ST6200C/ST6201C/ST6203C
8/100
3 MEMORY MAPS, PROGRAMMING MODES AND OPTION BYTES
3.1 MEMORY AND REGISTER MAPS
3.1.1 Introduction
The MCU operates in three separate memory
spaces: Program space, Data space, and Stack
space. Operation in these three memory spaces is
described in the following paragraphs.
Briefly, Program space contains user program
code in OTP and user vectors; Data space con-
tains user data in RAM and in OTP, and Stack
space accommodates six levels of stack for sub-
routine and interrupt service routine nesting.
Figure 3. Memory Addressing Diagram
PROGRAM SPACE
PROGRAM
INTERRUPT &
RESET VECTORS
ACCUMULATOR
RAM
X REGISTER
Y REGISTER
V REGISTER
W REGISTER
000h
03Fh
040h
07Fh
080h
081h
082h
083h
084h
0C0h
0FFh
DATA SPACE
000h
0FF0h
0FFFh
MEMORY
WINDOW
DATA ROM
RESERVED
HARDWARE
CONTROL
REGISTERS
0BFh
(see Table 2)
(see Figure 4)
1


Podobny numer części - ST6201C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6201C STMICROELECTRONICS-ST6201C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6201C STMICROELECTRONICS-ST6201C Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6201CB1 STMICROELECTRONICS-ST6201CB1 Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
ST6201CB3 STMICROELECTRONICS-ST6201CB3 Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
ST6201CB6 STMICROELECTRONICS-ST6201CB6 Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
More results

Podobny opis - ST6201C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6208C STMICROELECTRONICS-ST6208C_10 Datasheet
1Mb / 104P
   8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
ST6200CM-AUTO STMICROELECTRONICS-ST6200CM-AUTO Datasheet
2Mb / 96P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00CM6 STMICROELECTRONICS-ST62T00CM6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6208C STMICROELECTRONICS-ST6208C Datasheet
1Mb / 104P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6215C STMICROELECTRONICS-ST6215C Datasheet
1Mb / 105P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00CB6 STMICROELECTRONICS-ST62T00CB6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter two timers, oscillator safeguard & safe reset
ST62T01CB6 STMICROELECTRONICS-ST62T01CB6 Datasheet
2Mb / 96P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00C STMICROELECTRONICS-ST62T00C Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com