Zakładka z wyszukiwarką danych komponentów |
|
MCZ33879EKR2 Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MCZ33879EKR2 Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 25 page Analog Integrated Circuit Device Data Freescale Semiconductor 5 33879 PIN CONNECTIONS 23 S3 Output Source Output 3 Output 3 MOSFET source pin. 26 D4 Output Drain Output 4 Output 4 MOSFET drain pin. 27 S4 Output Source Output 4 Output 4 MOSFET source pin. 28 D7 Output Drain Output 7 Output 7 MOSFET drain pin. 29 S7 Output Source Output 7 Output 7 MOSFET source pin. 31 VPWR Input Battery Input Power supply pin to the 33879. V PWR has internal reverse battery protection. 32 DO Output Serial Data Output SPI control data output pin from the 33879 to the MCU. DO=0 no fault, DO=1 specific output has fault. 33 EP Ground Exposed Pad Device will perform as specified with the Exposed Pad un-terminated (floating) however, it is recommended that the Exposed Pad be terminated to pin 1 (GND) and system ground. Table 2. 33879 Pin Definitions (continued) A functional description of each pin can be found in the Functional Pin Description section beginning on page 15. Pin Number Pin Name Pin Function Formal Name Definition |
Podobny numer części - MCZ33879EKR2 |
|
Podobny opis - MCZ33879EKR2 |