Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33912BACR2 Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc

Numer części MC33912BACR2
Szczegółowy opis  LIN System Basis Chip with DC Motor Pre-driver and Current
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33912BACR2 Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33912BACR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33912
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33912 and -40°C ≤ TA ≤ 85°C for the
34912, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE RANGE (VS1, VS2)
Nominal Operating Voltage
VSUP
5.5
18
V
Functional Operating Voltage(16)
VSUPOP
27
V
Load Dump
VSUPLD
40
V
SUPPLY CURRENT RANGE (VSUP = 13.5V)
Normal Mode (IOUT at VDD = 10mA), LIN Recessive State
(17)
IRUN
4.5
10
mA
Stop Mode, VDD ON with IOUT = 100µA, LIN Recessive State
(17), (18), (19)
5.5V < VSUP < 12V
VSUP = 13.5V
ISTOP
48
58
80
90
µA
Sleep Mode, VDD OFF, LIN Recessive State(17), (19)
5.5V < VSUP < 12V
12V
≤ V
SUP < 13.5V
ISLEEP
27
37
35
48
µA
Cyclic Sense Supply Current Adder(20)
ICYCLIC
10
µA
SUPPLY UNDER/OVER VOLTAGE DETECTIONS
Power-On Reset (BATFAIL)(21)
Threshold (measured on VS1)(20)
Hysteresis (measured on VS1)(20)
VBATFAIL
VBATFAIL_HYS
1.5
3.0
0.9
3.9
V
Vsup under voltage detection (VSUV Flag) (Normal and Normal Request
Modes, Interrupt Generated)
Threshold (measured on VS1)
Hysteresis (measured on VS1)
VSUV
VSUV_HYS
5.55
6.0
1.0
6.6
V
Vsup over voltage detection (VSOV Flag) (Normal and Normal Request
Modes, Interrupt Generated)
Threshold (measured on VS1)
Hysteresis (measured on VS1)
VSOV
VSOV_HYS
18
19.25
1.0
20.5
V
Notes
16.
Device is fully functional. All features are operating.
17.
Total current (IVS1 + IVS2) measured at GND pins excluding all loads, cyclic sense disabled.
18.
Total IDD current (including loads) below 100µA.
19.
Stop and Sleep Modes current will increase if VSUP exceeds13.5V.
20.
This parameter is guaranteed by process monitoring but not production tested.
21.
The Flag is set during power up sequence. To clear the flag, a SPI read must be performed.


Podobny numer części - MC33912BACR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33912BAC FREESCALE-MC33912BAC Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
More results

Podobny opis - MC33912BACR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com