Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34910BACR2 Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc

Numer części MC34910BACR2
Szczegółowy opis  LIN System Basis Chip with 2x60mA High Side Drivers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34910BACR2 Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc

  MC34910BACR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34910BACR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33910
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33910 Pin Connections
Table 1. 33910 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 20.
Pin
Pin Name
Formal Name
Definition
1
RXD
Receiver Output
This pin is the receiver output of the LIN interface which reports the state of
the bus voltage to the MCU interface.
2
TXD
Transmitter Input
This pin is the transmitter input of the LIN interface which controls the state of
the bus output.
3
MISO
SPI Output
SPI data output. When CS is high, the pin is in the high-impedance state.
4
MOSI
SPI Input
SPI data input.
5
SCLK
SPI Clock
SPI clock Input.
6
CS
SPI Chip Select
SPI chip select input pin. CS is active low.
7
ADOUT0
Analog Output Pin 0
Analog multiplexer output.
8
PWMIN
PWM Input
High side pulse width modulation input.
9
RST
Internal Reset I/O
Bidirectional reset I/O pin - driven low when any internal reset source is
asserted. RST is active low.
10
IRQ
Internal Interrupt
Output
Interrupt output pin, indicating wake-up events from Stop Mode or events from
Normal and Normal Request Modes. IRQ is active low.
11, 15-17,
19-22, 28
NC
No connect
* Special Configuration Recommended /
Mandatory for Marked NC Pins
8
PWMIN
7
ADOUT0
5
SCLK
4
MOSI
3
MISO
1
RXD
2
TXD
6
CS
17
NC*
18
PGND
20
NC*
21
NC*
22
NC*
24
HS2
23
L1
19
NC*


Podobny numer części - MC34910BACR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34910G5AC/R2 FREESCALE-MC34910G5AC/R2 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
More results

Podobny opis - MC34910BACR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com