Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33972EW Arkusz danych(PDF) 10 Page - Freescale Semiconductor, Inc

Numer części MC33972EW
Szczegółowy opis  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33972EW Arkusz danych(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33972EW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33972EW Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33972
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33972 device is an integrated circuit designed to
provide systems with ultra-low quiescent sleep/wake-up
modes, and a robust interface between switch contacts and
a microprocessor. The 33972 replaces many of the discrete
components required when interfacing to microprocessor-
based systems, while providing switch ground offset
protection, contact wetting current, and system wake-up.
The 33972 features 8-programmable switch-to-ground or
switch-to-battery inputs and 14 switch-to-ground inputs. All
switch inputs may be read as analog inputs through the
analog multiplexer (AMUX). Other features include a
programmable wake-up timer, programmable interrupt timer,
programmable wake-up/interrupt bits, and programmable
wetting current settings.
This device is designed primarily for automotive
applications, but may be used in a variety of other
applications such as computer, telecommunications, and
industrial controls.
FUNCTIONAL PIN DESCRIPTION
CHIP SELECT (CS)
The system MCU selects the 33972 to receive
communication using the chip select (CS) pin. With the CS in
a logic LOW state, command words may be sent to the 33972
via the serial input (SI) pin, and switch status information can
be received by the MCU via the serial output (SO) pin. The
falling edge of CS enables the SO output, latches the state of
the INT pin, and the state of the external switch inputs.
Rising edge of the CS initiates the following operation:
1. Disables the SO driver (high-impedance)
2. INT pin is reset to logic [1], except when additional
switch changes occur during CS LOW. (See Figure 6
on page 9.)
3. Activates the received command word, allowing the
33972 to act upon new data from switch inputs.
To avoid any spurious data, it is essential the HIGH-to-
LOW and LOW-to-HIGH transitions of the CS signal occur
only when SCLK is in a logic LOW state. A clean CS is
needed to ensure no incomplete SPI words are sent to the
device. Internal to the 33972 device is an active pull-up to
VDD on CS.
In Sleep Mode, the negative edge of CS (VDD applied) will
wake up the 33972 device. Data received from the device
during CS wake-up may not be accurate.
SYSTEM CLOCK (SCLK)
The system clock (SCLK) pin clocks the internal shift
register of the 33972. The SI data is latched into the input
shift register on the falling edge of SCLK signal. The SO pin
shifts the switch status bits out on the rising edge of SCLK.
The SO data is available for the MCU to read on the falling
edge of SCLK. False clocking of the shift register must be
avoided to ensure validity of data. It is essential the SCLK pin
be in a logic LOW state whenever CS makes any transition.
For this reason, it is recommended, though not necessary,
that the SCLK pin is commanded to a logic LOW state as long
as the device is not accessed and CS is in a logic HIGH state.
When the CS is in a logic HIGH state, any signal on the SCLK
and SI pins will be ignored and the SO pin is tri-state.
SPI SLAVE IN (SI)
The SI pin is used for serial instruction data input. SI
information is latched into the input register on the falling
edge of SCLK. A logic HIGH state present on SI will program
a one in the command word on the rising edge of the CS
signal. To program a complete word, 24 bits of information
must be entered into the device.
SPI SLAVE OUT (SO)
The SO pin is the output from the shift register. The SO pin
remains tri-stated until the CS pin transitions to a logic LOW
state. All open switches are reported as zero, all closed
switches are reported as one. The negative transition of CS
enables the SO driver.
The first positive transition of SCLK will make the status
data bit 24 available on the SO pin. Each successive positive
clock will make the next status data bit available for the MCU
to read on the falling edge of SCLK. The SI/SO shifting of the
data follows a first-in, first-out protocol, with both input and
output words transferring the most significant bit (MSB) first.
iNTERRUPT (INT)
The INT pin is an interrupt output from the 33972 device.
The INT pin is an open-drain output with an internal pull-up to
VDD. In Normal Mode, a switch state change will trigger the
INT pin (when enabled). The INT pin and INT bit in the SPI
register are latched on the falling edge of CS. This permits
the MCU to determine the origin of the interrupt. When two
33972 devices are used, only the device initiating the
interrupt will have the INT bit set. The INT pin is cleared on
the rising edge of CS. The INT pin will not clear with rising
edge of CS if a switch contact change has occurred while CS
was LOW.
In a multiple 33972 device system with WAKE HIGH and
VDD on (Sleep Mode), the falling edge of INT will place all
33972s in Normal Mode.


Podobny numer części - MC33972EW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33972EW MOTOROLA-MC33972EW Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972EW/R2 MOTOROLA-MC33972EW/R2 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Freescale Semiconductor...
MC33972EW/R2 FREESCALE-MC33972EW/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

Podobny opis - MC33972EW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com