Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145028DW Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc

Numer części MC145028DW
Szczegółowy opis  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145028DW Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc

  MC145028DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC145026, MC145027, MC145028 Technical Data, Rev. 4
2
Freescale Semiconductor
Introduction
The MC145028 decoder treats all nine trinary digits as an address which allows 19,683 codes. If binary
data is encoded, 512 codes are possible. The VT output goes high on the MC145028 when two addresses
are consecutively received (in one encoding sequence) which both match the local address.
Operating Temperature Range: - 40 to + 85
°C
Very-Low Standby Current for the Encoder: 300 nA Maximum @ 25
°C
Interfaces with RF, Ultrasonic, or Infrared Modulators and Demodulators
RC Oscillator, No Crystal Required
High External Component Tolerance; Can Use
± 5% Components
Internal Power-On Reset Forces All Decoder Outputs Low
Operating Voltage Range:
MC145026 = 2.5 to 18 V
MC145027, MC145028 = 4.5 to 18 V
Figure 1. Pin Assignments
MC145026
ENCODER
MC145027
DECODERS
MC145028
DECODERS
A1
A2
A3
A4
A5
A6/D6
A7/D7
VSS
VDD
Dout
TE
RTC
CTC
RS
A9/D9
A8/D8
A1
A2
A3
A4
A5
R1
C1
VSS
VDD
D6
D7
D8
D9
VT
R2/C2
Din
A1
A2
A3
A4
A5
R1
C1
VSS
VDD
A6
A7
A8
A9
VT
R2/C2
Din


Podobny numer części - MC145028DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145028DW LANSDALE-MC145028DW Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145028DW FREESCALE-MC145028DW Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Podobny opis - MC145028DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com