Zakładka z wyszukiwarką danych komponentów |
|
IRF630 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
IRF630 Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 14 page August 2006 Rev 9 1/14 14 IRF630 IRF630FP N-channel 200V - 0.35 Ω - 9A TO-220/TO-220FP Mesh overlay™ II Power MOSFET General features ■ Extremely high dv/dt capability ■ Very low intrinsic capacitances ■ Gate charge minimized Description This power MOSFET is designed using the company’s consolidated strip layout-based MESH OVERLAY™ process. This technology matches and improves the performances compared with standard parts from various sources. Applications ■ Switching application Internal schematic diagram Type VDSS RDS(on) ID IRF630 200V <0.40 Ω 9A IRF630FP 200V <0.40 Ω 9A TO-220 TO-220FP 1 2 3 1 2 3 www.st.com Order codes Part number Marking Package Packaging IRF630 IRF630 TO-220 Tube IRF630FP IRF630FP TO-220FP Tube |
Podobny numer części - IRF630_06 |
|
Podobny opis - IRF630_06 |