Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N136M Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 6N136M
Szczegółowy opis  High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N136M Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button 6N136M Datasheet HTML 3Page - Fairchild Semiconductor 6N136M Datasheet HTML 4Page - Fairchild Semiconductor 6N136M Datasheet HTML 5Page - Fairchild Semiconductor 6N136M Datasheet HTML 6Page - Fairchild Semiconductor 6N136M Datasheet HTML 7Page - Fairchild Semiconductor 6N136M Datasheet HTML 8Page - Fairchild Semiconductor 6N136M Datasheet HTML 9Page - Fairchild Semiconductor 6N136M Datasheet HTML 10Page - Fairchild Semiconductor 6N136M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.1
7
PRELIMINARY
Typical Performance Curves
Fig. 1 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 2 Normalized CTR vs. Temperature
TA - TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 3 Output Current vs. Output Voltage
VO – OUTPUT VOLTAGE (V)
02468
10
12
14161820
18
16
14
12
10
8
6
4
2
0
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16mA
VCC = 4.5V
VO = 0.4V
Fig. 4 Logic High Output Current
vs. Temperature
TA – TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0.1
1
10
100
Fig. 5 Propagation Delay vs. Temperature
TA – TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
800
RL = 1.9kΩ (tPHL)
R = 4.1k
Ω (tPHL)
L
RL = 1.9kΩ (tPLH)
RL = 4.1kΩ (tPLH)
Fig. 6 Propagation Delay vs. Load Resistance
RL – LOAD RESISTANCE (kΩ)
1
10
100
1000
IF = 16mA (tPLH)
IF = 10mA (tPHL)
IF = 10mA (tPLH)
IF = 16mA (tPHL)
TA = 25°C
VCC = 5 V
IF = 0 mA
VCC = 5.5V
VO = 5.5V
Frequency = 10kHz
Duty Cycle = 10%
IF = 16mA
VCC = 5 V
IF
35mA
30mA
25mA
20mA
15mA
10mA
5mA
= 40mA
Frequency = 10kHz
Duty Cycle = 10%
IF = 16mA
VCC = 5 V


Podobny numer części - 6N136M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Tenand Technol...
6N136M TENAND-6N136M Datasheet
241Kb / 10P
   LITE-ON TECHNOLOGY CORP
logo
Fairchild Semiconductor
6N136M FAIRCHILD-6N136M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
CT Micro International ...
6N136M CTMICRO-6N136M Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
logo
ON Semiconductor
6N136M ONSEMI-6N136M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Guangdong Youtai Semico...
6N136M UMW-6N136M Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results

Podobny opis - 6N136M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com