Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL4503M Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części HCPL4503M
Szczegółowy opis  High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503M Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL4503M Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 9Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.1
6
PRELIMINARY
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes:
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
11. 5,000Vrms for 1 minute duration is equivalent to 6,000Vrms for 1 second duration.
Symbol
Characteristics
Test Conditions
Min
Typ**
Max
Unit
VISO
Withstand Insulation Test
Voltage
RH ≤ 50%, TA = 25°C, II-O ≤ 10µA,
t = 1 min., f = 50Hz(9)(11)
5,000
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500VDC
(9)
1011
CI-O
Capacitance (Input to Output) f = 1MHz, VI-O = 0V
(9)
1pF
HFE
DC Current Gain
IO = 3mA, VO = 5V
(9)
150
II-I
Input-Input Insulation
Leakage Current
RH ≤ 45%, VI-I = 500VDC
(10)
t = 5 s, (HCPL2530M/2531M only)
0.005
µA
RI-I
Input-Input Resistance
VI-I = 500 VDC
(10)
(HCPL2530M/2531M only)
1011
CI-I
Input-Input Capacitance
f = 1MHz(10)
(HCPL2530M/2531M only)
0.03
pF


Podobny numer części - HCPL4503M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
ON Semiconductor
HCPL4503M ONSEMI-HCPL4503M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
More results

Podobny opis - HCPL4503M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com