Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5242B Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 1N5242B
Szczegółowy opis  Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1N5242B Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  1N5242B Datasheet HTML 1Page - Renesas Technology Corp 1N5242B Datasheet HTML 2Page - Renesas Technology Corp 1N5242B Datasheet HTML 3Page - Renesas Technology Corp 1N5242B Datasheet HTML 4Page - Renesas Technology Corp 1N5242B Datasheet HTML 5Page - Renesas Technology Corp 1N5242B Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N5223B through 1N5258B
Rev.3.00 Aug 22, 2005 page 3 of 5
Electrical Characteristics (cont.)
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
Test
Condition
IR (µA)
Test
Condition
ZZT (Ω)
Test
Condition
ZZK (Ω)
Test
Condition
γ
Z (%/°C) *
1
VF*
2 (V)
Type No.
VZ (V)
IZ (mA)
Max
VR (V)
Max
IZT (mA)
Max
IZK (mA)
Max
Max
1N5251B
22 ± 5 (%)
5.6
0.1
17
29
5.6
600
0.25
+0.087
1.1
1N5252B
24 ± 5 (%)
5.2
0.1
18
33
5.2
600
0.25
+0.088
1.1
1N5253B
25 ± 5 (%)
5.0
0.1
19
35
5.0
600
0.25
+0.089
1.1
1N5254B
27 ± 5 (%)
4.6
0.1
21
41
4.6
600
0.25
+0.090
1.1
1N5255B
28 ± 5 (%)
4.5
0.1
21
44
4.5
600
0.25
+0.091
1.1
1N5256B
30 ± 5 (%)
4.2
0.1
23
49
4.2
600
0.25
+0.091
1.1
1N5257B
33 ± 5 (%)
3.8
0.1
25
58
3.8
700
0.25
+0.092
1.1
1N5258B
36 ± 5 (%)
3.4
0.1
27
70
3.4
700
0.25
+0.093
1.1
Notes: 1. 1N5223 to 1N5242: IZ = 7.5 mA, 1N5243 to 1N5258: IZ = IZ,, Ta = 25°C to 125°C
2. Tested with DC, IF = 200 mA


Podobny numer części - 1N5242B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N5242B VISHAY-1N5242B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5242B VISHAY-1N5242B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5242B MCC-1N5242B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5242B VISHAY-1N5242B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5242B TAK_CHEONG-1N5242B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - 1N5242B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HZ-P HITACHI-HZ-P Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ-P RENESAS-HZ-P Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Hitachi Semiconductor
HZ12BP HITACHI-HZ12BP Datasheet
48Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
logo
KEC(Korea Electronics)
KDZ20EV KEC-KDZ20EV Datasheet
96Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W20V KEC-Z02W20V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
logo
Renesas Technology Corp
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com