Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1057-E Arkusz danych(PDF) 2 Page - Renesas Technology Corp

Numer części 2SK1057-E
Szczegółowy opis  Silicon N Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1057-E Arkusz danych(HTML) 2 Page - Renesas Technology Corp

  2SK1057-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1057-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1057-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1057-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1057-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1057-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1056, 2SK1057, 2SK1058
Rev.2.00 Sep 07, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
2SK1056
120
2SK1057
140
Drain to source voltage
2SK1058
VDSX
160
V
Gate to source voltage
VGSS
±15
V
Drain current
ID
7
A
Body to drain diode reverse drain current
IDR
7
A
Channel dissipation
Pch*
1
100
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at TC = 25
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
2SK1056
120
2SK1057
140
Drain to source
breakdown voltage
2SK1058
V(BR)DSX
160
V
ID = 10 mA, VGS = –10 V
Gate to source breakdown voltage
V(BR)GSS
±15
V
IG =
±100 µA, VDS = 0
Gate to source cutoff voltage
VGS(off)
0.15
1.45
V
ID = 100 mA, VDS = 10 V
Drain to source saturation voltage
VDS(sat)
12
V
ID = 7 A, VGD = 0 *
2
Forward transfer admittance
|yfs|
0.7
1.0
1.4
S
ID = 3 A, VDS = 10 V *
2
Input capacitance
Ciss
600
pF
Output capacitance
Coss
350
pF
Reverse transfer capacitance
Crss
10
pF
VGS = –5 V, VDS = 10 V,
f = 1 MHz
Turn-on time
ton
180
ns
Turn-off time
toff
60
ns
VDD = 20 V, ID = 4 A
Note:
2. Pulse test


Podobny numer części - 2SK1057-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK1057-E RENESAS-2SK1057-E Datasheet
91Kb / 8P
   Silicon N Channel MOS FET
More results

Podobny opis - 2SK1057-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com