Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1402-E Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SK1402-E
Szczegółowy opis  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1402-E Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SK1402-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1402-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1402-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1402-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1402-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1402-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1402-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1402, 2SK1402A
Rev.2.00 Sep 07, 2005 page 4 of 6
10
40
160
Case Temperature TC (°C)
8
2
0
80
120
0
4
6
Static Drain to Source on State
Resistance vs. Temperature
–40
VGS = 10 V
Pulse Test
ID = 5 A
2 A
1 A
10
0.1
2
Drain Current ID (A)
2
0.2
0.2
1
1
0.5
0.05
0.5
Forward Transfer Admittance
vs. Drain Current
5
VDS = 20 V
Pulse Test
75
°C
TC = –25°C
5
25
°C
0.1
1,000
0.1
2
Reverse Drain Current IDR (A)
500
20
0.2
1
0.05
100
200
10
0.5
Body to Drain Diode Reverse
Recovery Time
di/dt = 100 A/
µs, V
GS = 0
Ta = 25
°C
50
5
100
20
50
Drain to Source Voltage VDS (V)
10
30
40
Typical Capacitance vs.
Drain to Source Voltage
0
10
VGS = 0
f = 1 MHz
Crss
Coss
Ciss
1,000
0
1,000
16
40
Dynamic Input Characteristics
800
200
824
32
0
400
600
20
16
4
0
8
12
0
250 V
400 V
VDD = 100 V
VGS
VDS
VDD = 400 V
250 V
100 V
ID = 4 A
Gate Charge Qg (nc)
500
Reverse Drain Current ID (A)
200
5
50
100
0.1
10
Switching Characteristics
td (off)
0.5
1
0.2
2
10
tf
tr
td (on)
20
VGS = 10 V, PW = 2 µs
duty
1%, VDD 30 V
5
<
=
=
.
.


Podobny numer części - 2SK1402-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1402 HITACHI-2SK1402 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1402 ISC-2SK1402 Datasheet
65Kb / 2P
   Fast Switching Speed
logo
Hitachi Semiconductor
2SK1402A HITACHI-2SK1402A Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1402A ISC-2SK1402A Datasheet
65Kb / 2P
   Fast Switching Speed
logo
VBsemi Electronics Co.,...
2SK1402A VBSEMI-2SK1402A Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Podobny opis - 2SK1402-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com