Zakładka z wyszukiwarką danych komponentów |
|
2SK1671-E Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
2SK1671-E Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page 2SK1671 Rev.2.00 Sep 07, 2005 page 2 of 6 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Drain to source voltage VDSS 250 V Gate to source voltage VGSS ±30 V Drain current ID 30 A Drain peak current ID(pulse) *1 120 A Body to drain diode reverse drain current IDR 30 A Channel dissipation Pch *2 125 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1% 2. Value at TC = 25°C Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 250 — — V ID = 10 mA, VGS = 0 Gate to source breakdown voltage V(BR)GSS ±30 — — V IG = ±100 µA, VDS = 0 Gate to source leak current IGSS — — ±10 µA VGS = ±25 V, VDS = 0 Zero gate voltage drain current IDSS — — 250 µA VDS = 200 V, VGS = 0 Gate to source cutoff voltage VGS(off) 2.0 — 3.0 V ID = 1 mA, VDS = 10 V Static drain to source on state resistance RDS(on) — 0.075 0.095 Ω ID = 15 A, VGS = 10 V * 3 Forward transfer admittance |yfs| 12 20 — S ID = 15 A, VDS = 10 V * 3 Input capacitance Ciss — 3000 — pF Output capacitance Coss — 1250 — pF Reverse transfer capacitance Crss — 170 — pF VDS = 10 V, VGS = 0, f = 1 MHz Turn-on delay time td(on) — 45 — ns Rise time tr — 170 — ns Turn-off delay time td(off) — 250 — ns Fall time tf — 130 — ns ID = 15 A, VGS = 10 V, RL = 2 Ω Body to drain diode forward voltage VDF — 1.0 — V IF = 30 A, VGS = 0 Body to drain diode reverse recovery time trr — 400 — ns IF = 30 A, VGS = 0, diF/dt = 100 A/ µs Note: 3. Pulse test |
Podobny numer części - 2SK1671-E |
|
Podobny opis - 2SK1671-E |