Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1761-E Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SK1761-E
Szczegółowy opis  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1761-E Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SK1761-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1761-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1761-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1761-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1761-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1761-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1761-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1761
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
160
120
80
40
0
50
100
150
200
1
3
10
30
100 300
1000
0.1
0.3
1
3
10
30
100
100
µs
PW
=
10
ms
(1
shot)
Operation in this area
is limited by RDS(on)
1 ms
Ta = 25
°C
04
8
12
16
20
4
8
12
16
20
5.5 V
5 V
4.5 V
10 V
6 V
VGS = 4 V
Tc = 75
°C
25
°C
– 25
°C
VDS = 10 V
Pulse Test
02
4
6
8
10
2
4
6
8
10
04
8
12
16
20
1
2
4
3
5
Pulse Test
Pulse Test
10 A
5 A
ID = 2 A
0.5
1
2
5
10
20
50
0.05
0.1
0.2
0.5
1
2
5
Pulse Test
15 V
VGS = 10 V
Case Temperature TC (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current


Podobny numer części - 2SK1761-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1761 HITACHI-2SK1761 Datasheet
45Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1761 ISC-2SK1761 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK1761-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com