Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1772 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SK1772
Szczegółowy opis  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1772 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SK1772 Datasheet HTML 1Page - Renesas Technology Corp 2SK1772 Datasheet HTML 2Page - Renesas Technology Corp 2SK1772 Datasheet HTML 3Page - Renesas Technology Corp 2SK1772 Datasheet HTML 4Page - Renesas Technology Corp 2SK1772 Datasheet HTML 5Page - Renesas Technology Corp 2SK1772 Datasheet HTML 6Page - Renesas Technology Corp 2SK1772 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1772
Rev.2.00 Sep 07, 2005 page 4 of 6
2.0
1.6
1.2
0.8
0.4
–40
0
40
80
120
160
Case Temperature
TC (°C)
Pulse test
1 A
2 A
0
VGS = 10 V
VGS = 4 V
I = 0.5 A, 1 A
D
2 A
0.5 A
Static Drain to Source on State
Resistance vs. Temperature
5.0
2.0
1.0
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
Drain Current
ID
(A)
75
°C
–25
°C
Tc = 25
°C
VDS = 10 V
Pulse test
Forward Transfer Admittance vs.
Drain Current
500
200
100
50
20
10
5
0.02
0.05
0.1
0.2
0.5
1.0
2.0
Reverse Drain Current
IDR
(A)
di/dt = 50 A/
µs
VGS = 0
Ta = 25
°C
Body-Drain Diode Reverse
Recovery Time
1000
100
10
1
010
20
30
40
50
Drain to Source Voltage
VDS
(V)
Coss
Ciss
Crss
VGS= 0
f = 1 MHz
Typical Capacitance vs. Drain to
Source Voltage
50
40
30
20
10
0
0.8
1.6
2.4
3.2
4.0
Gate Charge
Qg
(nc)
ID = 1 A
VGS
VDS
VDD = 5 V
10 V
20 V
VDD = 5 V
10 V
20 V
20
16
12
8
4
0
Dynamic Input Characteristics
500
200
100
50
20
10
5
0.02
0.05
0.1
0.2
0.5
1.0
2.0
Drain Current
ID
(A)
tr
tf
td(off)
VGS = 10 V
VDD = 30 V
PW = 2
µs
duty 1 %
td(on)
Switching Characteristics


Podobny numer części - 2SK1772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1772 HITACHI-2SK1772 Datasheet
40Kb / 9P
   Silicon N-Channel MOS FET
More results

Podobny opis - 2SK1772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com