Zakładka z wyszukiwarką danych komponentów |
|
2SK1838L-E Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
2SK1838L-E Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
2 / 8 page 2SK1838(L), 2SK1838(S) Rev.3.00 Nov 21, 2005 page 2 of 7 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Drain to source voltage VDSS 250 V Gate to source voltage VGSS ±30 V Drain current ID 1 A Drain peak current ID(pulse) *1 2 A Body to drain diode reverse drain current IDR 1 A Channel dissipation Pch *2 10 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1 % 2. Value at Tc = 25 °C Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 250 — — V ID = 10 mA, VGS = 0 Gate to source breakdown voltage V(BR)GSS ±30 — — V IG = ±100 µA, VDS = 0 Gate to source leak current IGSS — — ±10 µA VGS = ±25 V, VDS = 0 Zero gate voltage drain current IDSS — — 50 µA VDS = 200 V, VGS = 0 Gate to source cutoff voltage VGS(off) 2.0 — 3.0 V VDS = 10 V, ID = 1 mA Forward transfer admittance |yfs| 0.3 0.5 — S VDS = 10 V, ID = 0.5 A * 3 Static drain to source on state resistance RDS(on) — 5.5 8.0 Ω ID = 0.5 A, VGS = 10 V * 3 Input capacitance Ciss — 60 — pF Output capacitance Coss — 30 — pF Reverse transfer capacitance Crss — 5 — pF VDS = 10 V, VGS = 0, f = 1 MHz Turn-on delay time td(on) — 5 — ns Rise time tr — 6 — ns Turn-off delay time td(off) — 10 — ns Fall time tf — 4.5 — ns VGS = 10 V, ID = 0.5 A, RL = 60 Ω Body to drain diode forward voltage VDF — 0.96 — V IF = 1 A, VGS = 0 Body to drain diode reverse recovery time trr — 160 — ns IF = 1 A, VGS = 0, diF/dt = 100 A/ µs Note: 3. Pulse test |
Podobny numer części - 2SK1838L-E |
|
Podobny opis - 2SK1838L-E |