Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STQ1HNC60 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STQ1HNC60
Szczegółowy opis  N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?줚I MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ1HNC60 Arkusz danych(HTML) 6 Page - STMicroelectronics

  STQ1HNC60 Datasheet HTML 1Page - STMicroelectronics STQ1HNC60 Datasheet HTML 2Page - STMicroelectronics STQ1HNC60 Datasheet HTML 3Page - STMicroelectronics STQ1HNC60 Datasheet HTML 4Page - STMicroelectronics STQ1HNC60 Datasheet HTML 5Page - STMicroelectronics STQ1HNC60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STQ1HNC60
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


Podobny numer części - STQ1HNC60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
STQ1HNK60R-AP STMICROELECTRONICS-STQ1HNK60R-AP Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
More results

Podobny opis - STQ1HNC60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STN1HNC60 STMICROELECTRONICS-STN1HNC60 Datasheet
260Kb / 8P
   N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?줚I MOSFET
STS1HNC60 STMICROELECTRONICS-STS1HNC60 Datasheet
137Kb / 6P
   N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?줚I MOSFET
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?줚I MOSFET
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?줚I MOSFET
STQ1NC60R STMICROELECTRONICS-STQ1NC60R Datasheet
426Kb / 9P
   N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?줚I Power MOSFET
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
   N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
   N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
   N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com