Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2735S Arkusz danych(PDF) 1 Page - Renesas Technology Corp

Numer części 2SK2735S
Szczegółowy opis  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2735S Arkusz danych(HTML) 1 Page - Renesas Technology Corp

  2SK2735S Datasheet HTML 1Page - Renesas Technology Corp 2SK2735S Datasheet HTML 2Page - Renesas Technology Corp 2SK2735S Datasheet HTML 3Page - Renesas Technology Corp 2SK2735S Datasheet HTML 4Page - Renesas Technology Corp 2SK2735S Datasheet HTML 5Page - Renesas Technology Corp 2SK2735S Datasheet HTML 6Page - Renesas Technology Corp 2SK2735S Datasheet HTML 7Page - Renesas Technology Corp 2SK2735S Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00 Sep 07, 2005 page 1 of 7
2SK2735(L), 2SK2735(S)
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1029-0200
(Previous: ADE-208-543)
Rev.2.00
Sep 07, 2005
Features
• Low on-resistance
RDS = 20 m
Ω typ.
• High speed switching
• 4 V gate drive device can be driven from 5 V source
Outline
RENESAS Package code: PRSS0004ZD-B
(Package name: DPAK(L)-(2))
1. Gate
2. Drain
3. Source
4. Drain
RENESAS Package code: PRSS0004ZD-C
(Package name: DPAK(S))
1
2 3
4
1
2
3
4
D
G
S


Podobny numer części - 2SK2735S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK2735S HITACHI-2SK2735S Datasheet
39Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Guangdong Kexin Industr...
2SK2735S KEXIN-2SK2735S Datasheet
45Kb / 1P
   Silicon N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK2735S DOINGTER-2SK2735S Datasheet
756Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK2735S ISC-2SK2735S Datasheet
378Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK2735S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com