Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2315 Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SK2315
Szczegółowy opis  Silicon N Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2315 Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SK2315 Datasheet HTML 1Page - Renesas Technology Corp 2SK2315 Datasheet HTML 2Page - Renesas Technology Corp 2SK2315 Datasheet HTML 3Page - Renesas Technology Corp 2SK2315 Datasheet HTML 4Page - Renesas Technology Corp 2SK2315 Datasheet HTML 5Page - Renesas Technology Corp 2SK2315 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK2315
Rev.2.00 Sep. 07, 2005 page 3 of 5
Main Characteristics
1.6
1.2
0.8
0.4
0
50
100
150
200
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
5
2
1
0.5
0.2
0.1
0.02
0.05
0.01
0.005
0.2
0.5 1
2
5
10 20
50 100 200
1 ms
Operation in
this area is
limited by RDS(on)
PW
=
10
ms
100
µs
Ta = 25
°C
1 shot pulse
5
4
3
2
1
0
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
2
4
6
8
10
3 V
2.5 V
2 V
Ta = 25
°C
Pulse Test
VGS = 1.5 V
10 V
5 V
4 V
3.5 V
5
4
3
2
1
0
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
1
234
5
1.0
0.8
0.6
0.4
0.2
0
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
4
8
12
16
20
1 A
0.5 A
ID = 2 A
Pulse Test
Ta = 25
°C
Drain Current
ID (A)
Static Drain to Source State Resistance
vs. Drain Current
0.1
5
2
1
0.2
0.5
0.1
0.05
0.2
0.5
1
2
5
10
10 V
Ta = 25
°C
Pulse Test
VGS = 3 V


Podobny numer części - 2SK2315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK2315 HITACHI-2SK2315 Datasheet
38Kb / 7P
   Silicon N-Channel MOS FET
More results

Podobny opis - 2SK2315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com