Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3127 Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SC3127
Szczegółowy opis  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3127 Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SC3127 Datasheet HTML 1Page - Renesas Technology Corp 2SC3127 Datasheet HTML 2Page - Renesas Technology Corp 2SC3127 Datasheet HTML 3Page - Renesas Technology Corp 2SC3127 Datasheet HTML 4Page - Renesas Technology Corp 2SC3127 Datasheet HTML 5Page - Renesas Technology Corp 2SC3127 Datasheet HTML 6Page - Renesas Technology Corp 2SC3127 Datasheet HTML 7Page - Renesas Technology Corp 2SC3127 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC3127
Rev.3.00 Aug 10, 2005 page 3 of 7
Main Characteristics
Maximum Collector Dissipation Curve
300
200
100
0
50
100
150
200
Ambient Temperature Ta (°C)
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
12
5
10
20
50
100
0
40
80
120
160
200
VCE = 5 V
Gain Bandwidth Product vs.
Collector Current
0
1.0
2.0
3.0
4.0
5.0
Collector Current IC (mA)
12
5
10
20
50
VCE = 5 V
f = 500 MHz
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
0
0.4
0.8
1.2
1.6
2.0
12
5
10
20
50
f = 1 MHz
IE = 0
Collector to Base Voltage VCB (V)
0
0.4
0.8
1.2
1.6
2.0
12
5
10
20
50
Reverse Transfer Capacitance vs.
Collector to Base Voltage
f = 1 MHz
Emitter Common
Power Gain and Noise Figure vs.
Collector Current
Collector Current IC (mA)
0
4
8
12
16
20
0
1020304050
VCE = 5 V
f = 500 MHz
PG
NF


Podobny numer części - 2SC3127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SC3127 HITACHI-2SC3127 Datasheet
45Kb / 10P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC3127 ISC-2SC3127 Datasheet
177Kb / 6P
   isc Silicon NPN RF Transistor
More results

Podobny opis - 2SC3127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com