Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3157-E Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SK3157-E
Szczegółowy opis  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3157-E Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SK3157-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3157-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3157-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3157-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3157-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3157-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3157-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3157-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK3157
Rev.3.00 Sep 07, 2005 page 4 of 7
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
250
200
150
100
50
–40
0
40
80
120
160
0
0.1 0.2
1
520
30
1
3
0.3
0.1
Pulse Test
10
10
ID = 20 A
VGS = 4 V
10 V
20 A
5, 10 A
100
0.5
2
50 100
VDS = 10 V
Pulse Test
25
°C
Tc = –25
°C
75
°C
5, 10 A
0.1
1
3
10
100
0.3
30
010
20
30
40
50
10000
1000
3000
300
10
30
100
200
160
120
80
40
0
20
16
12
8
4
40
80
120
160
200
0
5000
500
200
100
50
0.1 0.2
1
510
1000
200
100
20
50
10
500
ID = 20 A
VGS
VDS
20
10
0.5
2
20
VDD = 100 V
50 V
25 V
VDD = 100 V
50 V
25 V
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
1000
tr
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty < 1 %
tf
td(on)
td(off)
50
2000
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C


Podobny numer części - 2SK3157-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK3157 HITACHI-2SK3157 Datasheet
51Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3157 ISC-2SK3157 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3157 RENESAS-2SK3157_15 Datasheet
109Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Podobny opis - 2SK3157-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com