Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ540 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SJ540
Szczegółowy opis  Silicon P Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ540 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SJ540 Datasheet HTML 1Page - Renesas Technology Corp 2SJ540 Datasheet HTML 2Page - Renesas Technology Corp 2SJ540 Datasheet HTML 3Page - Renesas Technology Corp 2SJ540 Datasheet HTML 4Page - Renesas Technology Corp 2SJ540 Datasheet HTML 5Page - Renesas Technology Corp 2SJ540 Datasheet HTML 6Page - Renesas Technology Corp 2SJ540 Datasheet HTML 7Page - Renesas Technology Corp 2SJ540 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ540
Rev.4.00 Jun 05, 2006 page 4 of 7
0.5
–40
0
40
80
120
160
Case Temperature
Tc (°C)
0
0.1
0.2
0.3
0.4
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
ID = –5 A
ID = –12 A
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
20
10
2
5
0.5
1
0.2
–0.1
–0.2
–0.5
–1
–5
–2
–10
Tc = –25°C
75°C
VDS = –10 V
Pulse Test
25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.1 –0.2
–0.5
–1
–2
–5
–10
500
200
50
100
20
5
10
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
0
–10
–20
–30
–40
–50
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
2000
1000
200
500
20
50
100
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
0
0
Gate Charge
Qg (nc)
0
–20
–16
–12
–8
–4
–100
–80
–60
–40
–20
Dynamic Input Characteristics
816
24
32
40
VDS
VGS
1000
100
300
30
3
10
1
–0.2
–0.5
–1
–2
–5
–10
–0.1
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VDD = –10 V
–25 V
–50 V
VDD = –50 V
–25 V
–10 V
–10 V
VGS = –4 V
–2 A
–5 A
–1 A
–1 A, –2 A
VGS = –10 V, VDD = –30 V
PW = 5
µs, duty ≤ 1 %


Podobny numer części - 2SJ540

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ540 HITACHI-2SJ540 Datasheet
53Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ540 RENESAS-2SJ540_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
More results

Podobny opis - 2SJ540

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com