Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1163A Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SD1163A
Szczegółowy opis  Silicon NPN Triple Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1163A Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SD1163A Datasheet HTML 1Page - Renesas Technology Corp 2SD1163A Datasheet HTML 2Page - Renesas Technology Corp 2SD1163A Datasheet HTML 3Page - Renesas Technology Corp 2SD1163A Datasheet HTML 4Page - Renesas Technology Corp 2SD1163A Datasheet HTML 5Page - Renesas Technology Corp 2SD1163A Datasheet HTML 6Page - Renesas Technology Corp 2SD1163A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SD1163, 2SD1163A
2
Absolute Maximum Ratings (Ta = 25°C)
Rating
Item
Symbol
2SD1163
2SD1163A
Unit
Collector to base voltage
V
CBO
300
350
V
Collector to emitter voltage
V
CEO
120
150
V
Emitter to base voltage
V
EBO
66V
Collector current
I
C
77A
Collector peak current
I
C (peak)
10
10
A
Collector surge current
I
C (surge)
20
20
A
Collector power dissipation
P
C*
1
40
40
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Note:
1. Value at T
C = 25°C.
Electrical Characteristics (Ta = 25°C)
2SD1163
2SD1163A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector cutoff current
I
CBO
——5
———
mA
V
CB = 300 V, IE = 0
———
——5
mA
V
CB = 350 V, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
120
150
V
I
C = 10 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
6—
6—
V
I
E = 10 mA, IC = 0
DC current transfer ratio h
FE
25
25
V
CE = 5 V, IC = 5 A*
1
Collector to emitter
saturation voltage
V
CE (sat)
2.0
1.0
V
I
C = 5 A, IB = 0.5 A*
1
Base to emitter
saturation voltage
V
BE (sat)
1.2
1.2
V
I
C = 5 A, IB = 0.5 A*
1
Fall time
t
f
0.5
0.5
µsI
CP = 3.5 A,
I
B1 = 0.45 A
Note:
1. Pulse test.


Podobny numer części - 2SD1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SD1163A HITACHI-2SD1163A Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SD1163A ETC1-2SD1163A Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Savantic, Inc.
2SD1163A SAVANTIC-2SD1163A Datasheet
97Kb / 3P
   Silicon NPN Power Transistors
logo
Thinki Semiconductor Co...
2SD1163A THINKISEMI-2SD1163A Datasheet
399Kb / 2P
   NPN Silicon Epitaxial Power Transistor
logo
Savantic, Inc.
2SD1163A SAVANTIC-2SD1163A Datasheet
99Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com