Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M03623FG Arkusz danych(PDF) 10 Page - Renesas Technology Corp

Numer części M03623FG
Szczegółowy opis  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M03623FG Arkusz danych(HTML) 10 Page - Renesas Technology Corp

Back Button M03623FG Datasheet HTML 6Page - Renesas Technology Corp M03623FG Datasheet HTML 7Page - Renesas Technology Corp M03623FG Datasheet HTML 8Page - Renesas Technology Corp M03623FG Datasheet HTML 9Page - Renesas Technology Corp M03623FG Datasheet HTML 10Page - Renesas Technology Corp M03623FG Datasheet HTML 11Page - Renesas Technology Corp M03623FG Datasheet HTML 12Page - Renesas Technology Corp M03623FG Datasheet HTML 13Page - Renesas Technology Corp M03623FG Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Mitsubishi microcomputers
M16C / 62M (80-pin version) Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics (Vcc = 3V)
9
Note 1: The mean output current is the mean value within 100ms.
Note 2: The total IOL (peak) for all ports must be 80mA max. The total IOH (peak) for all ports must be 80mA max.
Note 3: Specify a product of –40
°C to 85°C to use it.
Note 4: Relationship between main clock oscillation frequency and supply voltage.
Table 1.20.2. Recommended operating conditions (referenced to VCC = 2.2V to 3.6V at Ta = – 20oC
to 85oC / – 40oC to 85oC(Note3) unless otherwise specified)
Main clock input oscillation frequency
(With wait)
2.2
2.7
3.6
Supply voltage
[V]
(BCLK: no division)
6 X VCC –6.2MHZ
Main clock input oscillation frequency
(No wait)
10.0
3.5
0.0
Supply voltage
[V]
(BCLK: no division)
10 X VCC –17MHZ
2.4
7.0
2.2
2.7
3.6
2.4
10.0
0.0
7.0
17.5 X VCC
35MHZ
2.2
3.6
Typ.
Max.
Unit
Parameter
Vcc
3.0
Supply voltage
Symbol
Min.
Standard
Analog supply voltage
Vcc
AVcc
V
V
0
0
Analog supply voltage
Supply voltage
VIH
I OH (avg)
HIGH average output
current
mA
mA
Vss
AVss
0.8Vcc
V
V
V
Vcc
0.2Vcc
0
LOW input
voltage
I OH (peak)
HIGH peak output
current
HIGH input
voltage
P76, P77, P80 to P87,P90, P92 to P97, P100 to P107,
–5.0
–10.0
P00 to P07, P20 to P27,
P00 to P07, P20 to P27,P30 to P37,
P40 to P43, P50 to P57, P60 to P67, P76, P77,
P80 to P84, P86, P87, P90, P92 to P97, P100 to P107
P30 to P37, P40 to P43, P50 to P57, P60 to P67,
LOW peak output
current
10.0
5.0
mA
f (XIN)
Main clock input
oscillation
frequency (Note 5)
LOW average
output current
I OL (peak)
mA
I OL (avg)
f (XcIN)
Subclock oscillation frequency
kHz
50
32.768
V
XIN, RESET, CNVSS (BYTE)
P80 to P87, P90, P92 to P97, P100 to P107,
P40 to P43, P50 to P57, P60 to P67, P70, P71,P76, P77,
XIN, RESET, CNVSS (BYTE)
P00 to P07, P20 to P27, P30 to P37,
P00 to P07, P20 to P27, P30 to P37,
P40 to P43, P50 to P57, P60 to P67, P76, P77,
P80 to P84, P86, P87, P90, P92 to P97, P100 to P107
P00 to P07, P20 to P27,P30 to P37,
P40 to P43, P50 to P57, P60 to P67, P70, P71, P76, P77
P80 to P84, P86, P87, P90, P92 to P97, P100 to P107
P00 to P07, P20 to P27,P30 to P37,
P40 to P43, P50 to P57, P60 to P67, P70, P71, P76, P77
P70 ,
0.8Vcc
4.6
V
P71
VIL
No wait
10 X Vcc
–17
Vcc=2.7V to 3.6V
Vcc=2.4V to 2.7V
0
0
MHz
MHz
10
with wait
6 X Vcc
–6.2
Vcc=2.7V to 3.6V
Vcc=2.2V to 2.7V
0
0
MHz
MHz
10
P80 to P84, P86, P87, P90, P92 to P97, P100 to P107
17.5 X Vcc
–35
Vcc=2.2V to 2.4V
0
MHz
Note 5: Execute case without wait, program / erase of flash memory by VCC=2.7V to 3.6V and f(BCLK)
≤ 6.25 MHz.
Execute case with wait, program / erase of flash memory by VCC=2.7V to 3.6V and f(BCLK)
≤ 10.0 MHz.
Flash program voltage
Flash read operation voltage
VCC=2.7V to 3.6V
VCC=2.4V to 3.6V
VCC=2.7V to 3.4V
VCC=2.2V to 2.4V
Flash memory version program voltage and read
operation voltage characteristics


Podobny numer części - M03623FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nuvoton Technology Corp...
M030G NUVOTON-M030G Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC1AE NUVOTON-M030GC1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GC2AE NUVOTON-M030GC2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD1AE NUVOTON-M030GD1AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
M030GD2AE NUVOTON-M030GD2AE Datasheet
2Mb / 118P
   NuMicro짰 Family Arm짰 32-bit Cortex짰-M0 Microcontroller
More results

Podobny opis - M03623FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com