Zakładka z wyszukiwarką danych komponentów |
|
7470 Arkusz danych(PDF) 7 Page - Renesas Technology Corp |
|
7470 Arkusz danych(HTML) 7 Page - Renesas Technology Corp |
7 / 47 page 6 7470/7471 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS FUNCTIONS OF 7470/7471 GROUP Basic machine-language instructions Instruction execution time Clock input oscillation frequency Memory size Input/Output port Serial I/O Timers A-D converter Subroutine nesting Interrupt Clock generating circuit Power source voltage Power dissipation Input/Output characters Operating temperature range Device structure Package Input/Output voltage Output current M37470M2/M4/M8/E4/E8-XXXSP M37471M2/M4/M8/E4/E8-XXXSP M37471M2/M4/M8/E4/E8-XXXFP M37471E8SS Functions 71 0.5 µs (the minimum instructions, at 8 MHz oscillation frequency) 8 MHz (max.) 4096 bytes 128 bytes 8192 bytes 192 bytes 16384 bytes 384 bytes 8-bit ! 2 8-bit ! 1 (4-bit ! 1 for 7470 group) 4-bit ! 2 (Port P5 is not included in 7470 group) 4-bit ! 1 (2-bit ! 1 for 7470 group) 8-bit ! 1 8-bit timer ! 4 8-bit ! 1 (8 channels) (8-bit ! 1 (4 channels) for M37470M2/M4/M8) 64 level max. (M37470M2, M37471M2) 96 level max. (M37470M4/E4, M37471M4/E4) 192 level max. (M37470M8/E8, M37471M8/E8) 5 external interrupts, 6 internal interrupts, 1 software interrupt Built-in circuit with internal feedback resistor (a ceramic or a quartz- crystal oscillator) 2.7 to 4.5 V (at 2.2VCC–2.0 MHz oscillation frequency), 4.5 to 5.5 V (at 8 MHz oscillation frequency) 35 mW (at 8 MHz oscillation frequency) 5 V –5 to 10 mA (P0, P1, P2, P4 : CMOS tri-states) –20 to 85 °C CMOS silicon gate 32-pin shrink plastic molded DIP 42-pin shrink plastic molded DIP 56-pin plastic molded QFP 42-pin ceramic DIP ROM RAM ROM RAM ROM RAM I/O I/O Input I/O Parameter M37470M2 M37471M2 M37470M4/E4 M37471M4/E4 M37470M8/E8 M37471M8/E8 P0, P1 P2 P3, P5 P4 |
Podobny numer części - 7470 |
|
Podobny opis - 7470 |