Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ574 Arkusz danych(PDF) 7 Page - Renesas Technology Corp

Numer części 2SJ574
Szczegółowy opis  Silicon P Channel MOS FET High Speed Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ574 Arkusz danych(HTML) 7 Page - Renesas Technology Corp

Back Button 2SJ574 Datasheet HTML 2Page - Renesas Technology Corp 2SJ574 Datasheet HTML 3Page - Renesas Technology Corp 2SJ574 Datasheet HTML 4Page - Renesas Technology Corp 2SJ574 Datasheet HTML 5Page - Renesas Technology Corp 2SJ574 Datasheet HTML 6Page - Renesas Technology Corp 2SJ574 Datasheet HTML 7Page - Renesas Technology Corp 2SJ574 Datasheet HTML 8Page - Renesas Technology Corp 2SJ574 Datasheet HTML 9Page - Renesas Technology Corp 2SJ574 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SJ574
5
-0.5
-0.4
-0.3
-0.2
-0.1
0
-0.4
-0.8
-1.2
-1.6
-2.0
V
= 0,5V
GS
Pulse Test
-10 V
Switching Characteristics
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
-5 V
Typical Capacitance vs.
Drain to Source Voltage
1
-0.1
Drain Current
I
(A)
D
-0.2
-0.5
-1.0
2
5
10
20
50
100
200
500
1000
Drain to Source Voltage V
(V)
DS
100
10
20
50
1
2
5
0
-10
-20
-30
-40
-50
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
V
= -4 V, V
= -10 V
PW = 5 µs, duty < 1 %
t f
r
t
d(on)
t
d(off)
t
GS
DD


Podobny numer części - 2SJ574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ574 HITACHI-2SJ574 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
VBsemi Electronics Co.,...
2SJ574 VBSEMI-2SJ574 Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ574BP91TL VBSEMI-2SJ574BP91TL Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ574BPTL VBSEMI-2SJ574BPTL Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results

Podobny opis - 2SJ574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 HITACHI-2SJ574 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ588 HITACHI-2SJ588 Datasheet
26Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ575 HITACHI-2SJ575 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ587 HITACHI-2SJ587 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ575 RENESAS-2SJ575 Datasheet
167Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ586 RENESAS-2SJ586 Datasheet
158Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
2SJ576 RENESAS-2SJ576 Datasheet
46Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com