Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ586 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SJ586
Szczegółowy opis  Silicon P Channel MOS FET High Speed Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ586 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SJ586 Datasheet HTML 1Page - Renesas Technology Corp 2SJ586 Datasheet HTML 2Page - Renesas Technology Corp 2SJ586 Datasheet HTML 3Page - Renesas Technology Corp 2SJ586 Datasheet HTML 4Page - Renesas Technology Corp 2SJ586 Datasheet HTML 5Page - Renesas Technology Corp 2SJ586 Datasheet HTML 6Page - Renesas Technology Corp 2SJ586 Datasheet HTML 7Page - Renesas Technology Corp 2SJ586 Datasheet HTML 8Page - Renesas Technology Corp 2SJ586 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SJ586
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
-20
V
Gate to source voltage
V
GSS
±10
V
Drain current
I
D
-100
mA
Drain peak current
I
D(pulse)
Note1
-400
mA
Body-drain diode reverse drain current
I
DR
-100
mA
Channel dissipation
Pch
Note 2
300
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value on the alumina ceramic board (12.5x 20 x0.7 mm)
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
-20
V
I
D = -100 µA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±10
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±5
µAV
GS = ±8 V, VDS = 0
Zero gate voltege drain
current
I
DSS
——-1
µAV
DS = -20 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
-0.8
-1.8
V
I
D = -10µA, VDS = -5 V
Static drain to source on state R
DS(on)
4.1
5.0
I
D = -50 mA,VGS = -4 V
Note 3
resistance
R
DS(on)
6.0
8.5
I
D = -50 mA,VGS = -2.5 V
Note 3
Forward transfer admittance
|y
fs|
94
144
mS
I
D = -50 mA, VDS = -10 V
Note 3
Input capacitance
Ciss
28
pF
V
DS = -10 V
Output capacitance
Coss
21
pF
V
GS = 0
Reverse transfer capacitance Crss
7
pF
f = 1 MHz
Turn-on delay time
t
d(on)
30—ns
I
D = -50 mA, VGS = -4 V
Rise time
t
r
90—ns
R
L = 200 Ω
Turn-off delay time
t
d(off)
87—ns
Fall time
t
f
97—ns
Note:
3. Pulse test
4. Marking is CP


Podobny numer części - 2SJ586

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ586 HITACHI-2SJ586 Datasheet
41Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
More results

Podobny opis - 2SJ586

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SJ574 HITACHI-2SJ574 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ588 HITACHI-2SJ588 Datasheet
26Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ575 HITACHI-2SJ575 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ587 HITACHI-2SJ587 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ575 RENESAS-2SJ575 Datasheet
167Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
2SJ576 RENESAS-2SJ576 Datasheet
46Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com