Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5802-EVALZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADL5802-EVALZ
Szczegółowy opis  Dual Channel High-IP3 100MHz-6GHz Active Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5802-EVALZ Arkusz danych(HTML) 4 Page - Analog Devices

  ADL5802-EVALZ Datasheet HTML 1Page - Analog Devices ADL5802-EVALZ Datasheet HTML 2Page - Analog Devices ADL5802-EVALZ Datasheet HTML 3Page - Analog Devices ADL5802-EVALZ Datasheet HTML 4Page - Analog Devices ADL5802-EVALZ Datasheet HTML 5Page - Analog Devices ADL5802-EVALZ Datasheet HTML 6Page - Analog Devices ADL5802-EVALZ Datasheet HTML 7Page - Analog Devices ADL5802-EVALZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADL5802
Preliminary Technical Data
REV. PrA | Page 4 of 8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
Mnemonic
Function
1,2,5,8,14,
17,18, 21
GND
Device Common (DC Ground).
3,4
OP1+, OP1-
Channel 1Mixer differential output terminals. Need to apply bias through pull-up choke inductors or center
tap of the IF transfomer.
6, 13, 24
VPOS
Positive Supply Voltage. 5.0V Nominal
7
ENBL
Device Enable. Pull low to enable the device, pull high to disable.
9, 10
LOIP, LOIN
Differential LO input terminals. Internally matched to 50
Ω. Must be ac-coupled.
12
VSET
High IP3 bias control. For high IP3 performance apply ~4V. Improved NF performance and lower supply
current can be set by applying ~2V – 3V to the VSET pin. A resistor can be connected to the supply to raise
the voltage while a resistor to GND will lower the voltage.
15, 16
OP2+, OP2-
Channel 2 Mixer differential output terminals. Need to apply bias through pull-up choke inductors or center
tap of the IF transfomer.
19. 20
RF2+, RF2-
Differential RF input terminals for channel 2. Internally matched to 50
Ω. Must be ac-coupled.
22, 23
RF1+, RF1-
Differential RF input terminals for channel 1. Internally matched to 50
Ω. Must be ac-coupled.


Podobny numer części - ADL5802-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
More results

Podobny opis - ADL5802-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Linear Technology
LTC5510 LINER-LTC5510 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
logo
Analog Devices
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Linear Technology
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
logo
Analog Devices
AD8343 AD-AD8343 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
logo
Linear Technology
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
logo
Analog Devices
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
logo
SYNERGY MICROWAVE CORPO...
SFM-2-02 SYNERGY-SFM-2-02 Datasheet
316Kb / 3P
   MESFET HIGH IP3 MIXER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com