Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1282IPWG4 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS1282IPWG4
Szczegółowy opis  High-Resolution Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWG4 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1282IPWG4 Datasheet HTML 5Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 6Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 7Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 8Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 9Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 10Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 11Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 12Page - Texas Instruments ADS1282IPWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
-55
-35
Temperature( C)
°
-110
115
120
125
130
-
-
-
-
-15
5
125
45
85
25
65
105
PGA=8
V
=31.25Hz, 0.5dBFS
IN
-
Low-PowerMode
High-ResolutionMode
0
1
V
(V)
REF
130
125
120
115
110
105
100
2
3
5.5
5
4
Low-PowerMode,PGA=1
High-ResolutionMode,PGA=1
Low-PowerMode,PGA=8
High-ResolutionMode,PGA=8
0
1
V
(V)
REF
-110
115
120
125
130
-
-
-
-
2
3
6
5
4
Low-PowerMode,PGA=1
High-ResolutionMode,PGA=1
Low-PowerMode,PGA=8
High-ResolutionMode,PGA=8
0.5
1.0
f
(MHz)
CLK
125
124
123
122
121
120
119
1.5
2.0
4.5
3.0
2.5
3.5
4.0
V
=20mV
DataRate=f
/4096
IN
DC
CLK
Low-PowerMode
High-ResolutionMode
0.5
1.0
f
(MHz)
CLK
-110
115
120
125
130
-
-
-
-
1.5
2.0
4.5
3.0
2.5
3.5
4.0
PGA=8
V
=31.25Hz, 0.5dBFS
DataRate=f
/4096
IN
CLK
-
Low-PowerMode
High-ResolutionMode
10
100
InputFrequency(Hz)
130
120
110
100
90
80
70
1k
10k
1M
100k
Low-PowerMode
High-ResolutionMode
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V, VREFN = –2.5V, DVDD = +3.3V,
CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
THD vs TEMPERATURE
SNR vs REFERENCE VOLTAGE
Figure 13.
Figure 14.
THD vs REFERENCE VOLTAGE
SNR vs CLOCK FREQUENCY
Figure 15.
Figure 16.
THD vs CLOCK FREQUENCY
CMR vs INPUT FREQUENCY
Figure 17.
Figure 18.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1282


Podobny numer części - ADS1282IPWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282IPWG4 TI-ADS1282IPWG4 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPWG4 TI1-ADS1282IPWG4 Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
More results

Podobny opis - ADS1282IPWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com