Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6128IRGZR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS6128IRGZR
Szczegółowy opis  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS6128IRGZR Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS6128IRGZR Datasheet HTML 1Page - Texas Instruments ADS6128IRGZR Datasheet HTML 2Page - Texas Instruments ADS6128IRGZR Datasheet HTML 3Page - Texas Instruments ADS6128IRGZR Datasheet HTML 4Page - Texas Instruments ADS6128IRGZR Datasheet HTML 5Page - Texas Instruments ADS6128IRGZR Datasheet HTML 6Page - Texas Instruments ADS6128IRGZR Datasheet HTML 7Page - Texas Instruments ADS6128IRGZR Datasheet HTML 8Page - Texas Instruments ADS6128IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
• Maximum Sample Rate: 250 MSPS
• 14-Bit Resolution – ADS614X
ADS614X (ADS612X) is a family of 14-bit (12-bit) A/D
converters with sampling rates up to 250 MSPS. It
• 12-Bit Resolution – ADS612X
combines high dynamic performance and low power
• 687 mW Total Power Dissipation at 250 MSPS
consumption in a compact 48 QFN package. This
• Double Data Rate (DDR) LVDS and Parallel
makes it well-suited for multicarrier, wide band-width
CMOS Output Options
communications applications.
• Programmable Fine Gain up to 6dB for
ADS614X/2X has fine gain options that can be used
SNR/SFDR Trade-Off
to improve SFDR performance at lower full-scale
input ranges. It includes a dc offset correction loop
• DC Offset Correction
that can be used to cancel the ADC offset. Both DDR
• Supports Input Clock Amplitude Down to 400
LVDS (Double Data Rate) and parallel CMOS digital
mVPP Differential
output interfaces are available. At lower sampling
• Internal and External Reference Support
rates, the ADC automatically operates at scaled down
power with no loss in performance.
• 48-QFN Package (7mm × 7mm)
• Pin Compatible with ADS5547 Family
It includes internal references while the traditional
reference pins and associated decoupling capacitors
have been eliminated. Nevertheless, the device can
also be driven with an external reference. The device
• Multicarrier, Wide Band-Width
is specified over the industrial temperature range
Communications
(–40°C to 85°C).
• Wireless Multi-carrier Communications
250 MSPS
210 MSPS
Infrastructure
ADS614X
• Software Defined Radio
ADS6149
ADS6148
14-Bit Family
• Power Amplifier Linearization
ADS612X
ADS6129
ADS6128
• 802.16d/e
12-Bit Family
• Test and Measurement Instrumentation
• High Definition Video
• Medical Imaging
• Radar Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS6128IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6128IRGZR TI-ADS6128IRGZR Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZR TI-ADS6128IRGZR Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZR TI1-ADS6128IRGZR Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZRG4 TI-ADS6128IRGZRG4 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Podobny opis - ADS6128IRGZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com