Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N1202A Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części 1N1202A
Szczegółowy opis  Medium Power Silicon Rectifier Diodes, 12 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1202A Arkusz danych(HTML) 5 Page - Vishay Siliconix

  1N1202A Datasheet HTML 1Page - Vishay Siliconix 1N1202A Datasheet HTML 2Page - Vishay Siliconix 1N1202A Datasheet HTML 3Page - Vishay Siliconix 1N1202A Datasheet HTML 4Page - Vishay Siliconix 1N1202A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Podobny numer części - 1N1202A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N1202A MICROSEMI-1N1202A Datasheet
106Kb / 2P
   Military Silicon Power Rectifier
logo
Diotec Semiconductor
1N1202A DIOTEC-1N1202A Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
logo
International Rectifier
1N1202A IRF-1N1202A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
1N1202A MICROSEMI-1N1202A Datasheet
129Kb / 2P
   MILITARY SILICON POWER RECTIFIER
logo
Diotec Semiconductor
1N1202A DIOTEC-1N1202A Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
More results

Podobny opis - 1N1202A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
   HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com