Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N1187 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części 1N1187
Szczegółowy opis  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1187 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  1N1187 Datasheet HTML 1Page - Vishay Siliconix 1N1187 Datasheet HTML 2Page - Vishay Siliconix 1N1187 Datasheet HTML 3Page - Vishay Siliconix 1N1187 Datasheet HTML 4Page - Vishay Siliconix 1N1187 Datasheet HTML 5Page - Vishay Siliconix 1N1187 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93492
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
3
1N1183, 1N3765, 1N1183A, 1N2128A Series
Power Silicon Rectifier Diodes,
35 A/40 A/60 A
Vishay High Power Products
Note
(1) JEDEC registered values
Fig. 1 - Maximum Allowable Case Temperature vs.
Average Forward Current, 1N1183 and 1N3765 Series
Fig. 2 - Typical Low Level Forward Power Loss vs.
Average Forward Current (Sinusoidal Current Waveform),
1N1183 and 1N3765 Series
Fig. 3 - Typical High Level Forward Power Loss vs.
Average Forward Current (Sinusoidal Current Waveform),
1N1183 and 1N3765 Series
Fig. 4 - Typical Forward Voltage vs. Forward Current,
1N1183 and 1N3765 Series
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
1N1183
1N3765
1N1183A
1N2128A
UNITS
Maximum operating
case temperature range
TC
- 65 to 190 (1)
- 65 to 200
°C
Maximum storage
temperature range
TStg
- 65 to 175 (1)
- 65 to 200
Maximum internal thermal
resistance, junction to case
RthJC
DC operation
1.00 (1)
1.1 (1)
0.65 (1)
°C/W
Thermal resistance,
case to sink
RthCS
Mounting surface, smooth, flat
and greased
0.25
Mounting torque
minimum
Non-lubricated threads
2.3 (20)
N · m
(lbf · in)
maximum
3.4 (30)
Approximate weight
17
g
0.6
oz.
Case style
JEDEC
DO-203AB (DO-5)


Podobny numer części - 1N1187

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1187 IRF-1N1187 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N1187 VISHAY-1N1187 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
1N1187 NJSEMI-1N1187 Datasheet
298Kb / 2P
   Silicon Power Rectifier
More results

Podobny opis - 1N1187

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com