Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7470_N Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części 7470_N
Szczegółowy opis  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
Download  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470_N Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  7470_N Datasheet HTML 1Page - Renesas Technology Corp 7470_N Datasheet HTML 2Page - Renesas Technology Corp 7470_N Datasheet HTML 3Page - Renesas Technology Corp 7470_N Datasheet HTML 4Page - Renesas Technology Corp 7470_N Datasheet HTML 5Page - Renesas Technology Corp 7470_N Datasheet HTML 6Page - Renesas Technology Corp 7470_N Datasheet HTML 7Page - Renesas Technology Corp 7470_N Datasheet HTML 8Page - Renesas Technology Corp 7470_N Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 354 page
background image
BEFORE USING THIS USER’S MANUAL
1. Organization
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your
conditions, such as hardware design or software development.
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer and operation of each peripheral function.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on setting
examples of related registers.
q CHAPTER 3 APPENDIX
This chapter includes a list of registers, and necessary information for systems development using the
microcomputer, the masking confirmation (mask ROM version), ROM programming confirmation, and
mark specifications which are to be submitted when ordering.
2. Structure of Register
The figure of each register structure describes its functions, contents at reset, and attributes as follows:
b7 b6 b5 b4 b3 b2 b1 b0
Fix these bits to “0.”
Stack page selection bit
Nothing is allocated for this bit. This is write
enabled bit and is undefined at reading.
XCOUT drive capacity
selection bit
Main clock (XIN–XOUT)
stop bit
Internal system clock
selection bit
P50, P51/XCIN, XCOUT
selection bit
0: In page 0 area
1: In page 1 area
0: Low
1: High
0: Oscillates
1: Stops
0: XIN–XOUT selected
(Ordinary mode)
1: XCIN–XCOUT selected
(low-speed mode)
0: P50, P51
1: XCIN, XCOUT
Name
Function
At reset
B
RW
0, 1
2
3
4
5
6
7
0
0
?
0
0
0
0
?
!
Bits
CPU mode register (CPUM) [Address: FB 16]
Bit attributes
CPU mode register
Contents immediately after reset release
: Bit in which nothing is arranged
Note 1. Contents immediately after reset release
0
“0” at reset release
1
“1” at reset release
?
Undefined at reset release
Note 2. Bit attributes
R
?
1
0
W
(Note 1)
(Note 2)
00
Write
Write enabled
Write disabled
Fix to0.
Can be cleared to0by software but not set to 1.
Read
Read enabled
Undefined at reading
1at reading
0at reading
0
V
!


Podobny numer części - 7470_N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
74703-0007 MOLEX9-74703-0007 Datasheet
257Kb / 5P
   1.27mm (.050) Pitch HSSDC2 Receptacle, Shielded, Right Angle, Single Row, 7 Circuits
74703-0017 MOLEX9-74703-0017 Datasheet
257Kb / 5P
   1.27mm (.050) Pitch HSSDC2 Receptacle, Shielded, Right Angle, Single Row, 7 Circuits
74703-0107 MOLEX9-74703-0107 Datasheet
257Kb / 5P
   1.27mm (.050") Pitch HSSDC2 Receptacle, Shielded, Right Angle, Single Row, 7 Circuits
74703-0117 MOLEX9-74703-0117 Datasheet
257Kb / 5P
   1.27mm (.050) Pitch HSSDC2 Receptacle, Shielded, Right Angle, Single Row, 7 Circuits
74703-0307 MOLEX9-74703-0307 Datasheet
257Kb / 5P
   1.27mm (.050") Pitch HSSDC2 Receptacle, Shielded, Right Angle, Single Row, 7Circuits
More results

Podobny opis - 7470_N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7470_M RENESAS-7470_M Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com