Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N1135 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części 6N1135
Szczegółowy opis  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1135 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  6N1135_08 Datasheet HTML 1Page - Vishay Siliconix 6N1135_08 Datasheet HTML 2Page - Vishay Siliconix 6N1135_08 Datasheet HTML 3Page - Vishay Siliconix 6N1135_08 Datasheet HTML 4Page - Vishay Siliconix 6N1135_08 Datasheet HTML 5Page - Vishay Siliconix 6N1135_08 Datasheet HTML 6Page - Vishay Siliconix 6N1135_08 Datasheet HTML 7Page - Vishay Siliconix 6N1135_08 Datasheet HTML 8Page - Vishay Siliconix 6N1135_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High Speed Optocoupler, 1 MBd,
Photodiode with Transistor Output, 110 °C Rated
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83909
160
Rev. 1.6, 07-May-08
6N1135/6N1136
Vishay Semiconductors
DESCRIPTION
The 6N1135 and 6N1136 are 110 °C rated optocouplers with
a GaAIAs infrared emitting diode, optically coupled with an
integrated photo detector which consists of a photo diode
and a high-speed transistor in a DIP-8 plastic package.
Signals can be transmitted between two electrically
separated circuits up to frequencies of 2.0 MHz. The
potential difference between the circuits to be coupled
should not exceed the maximum permissible reference
voltages.
FEATURES
• Operating temperature from - 55 °C to + 110 °C
• Isolation test voltages: 5300 VRMS
• TTL compatible
• High bit rates: 1.0 MBd
• Bandwidth 2.0 MHz
• Open-collector output
• External base wiring possible
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J
• DIN EN 60747-5-5
• CUL - file no. E52744, equivalent to CSA bulletin 5A
Note
For additional information on the available options refer to option information.
i179081
1
2
3
4
8
7
6
5
C(VCC)
NC
A
C
NC
B(VB)
C(VO)
E(GND)
ORDER INFORMATION
PART
REMARKS
6N1135
CTR
≥ 7 %, DIP-8
6N1136
CTR
≥ 19 %, DIP-8
6N1135-X007
CTR
≥ 7 %, SMD-8 (option 7)
6N1136-X006
CTR
≥ 19 %, DIP-8 400 mil (option 6)
6N1136-X007
CTR
≥ 19 %, SMD-8 (option 7)
6N1136-X009
CTR
≥ 19 %, SMD-8 (option 9)
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
5.0
V
Forward current
IF
25
mA
Peak forward current
t = 1.0 ms, duty cycle 50 %
IFM
50
mA
Maximum surge forward current
t
≤ 1.0 µs, 300 pulses/s
IFSM
1.0
A
Thermal resistance
Rth
700
K/W
Power dissipation
Tamb = 70 °C
Pdiss
45
mW
OUTPUT
Supply voltage
VCC
- 0.5 to 15
V
Output voltage
VO
- 0.5 to 15
V
Emitter base voltage
VEBO
5.0
V
Output current
IO
8.0
mA
Maximum Output current
16
mA
Base current
IB
5.0
mA
Thermal resistance
300
K/W
Power dissipation
Tamb = 70 °C
Pdiss
100
mW


Podobny numer części - 6N1135_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N1135-X007 VISHAY-6N1135-X007 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
More results

Podobny opis - 6N1135_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com