Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N1135 Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części 6N1135
Szczegółowy opis  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1135 Arkusz danych(HTML) 6 Page - Vishay Siliconix

Back Button 6N1135 Datasheet HTML 2Page - Vishay Siliconix 6N1135 Datasheet HTML 3Page - Vishay Siliconix 6N1135 Datasheet HTML 4Page - Vishay Siliconix 6N1135 Datasheet HTML 5Page - Vishay Siliconix 6N1135 Datasheet HTML 6Page - Vishay Siliconix 6N1135 Datasheet HTML 7Page - Vishay Siliconix 6N1135 Datasheet HTML 8Page - Vishay Siliconix 6N1135 Datasheet HTML 9Page - Vishay Siliconix 6N1135 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Document Number: 83909
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 07-May-08
165
6N1135/6N1136
High Speed Optocoupler, 1 MBd,
Photodiode with Transistor Output, 110 °C
Rated
Vishay Semiconductors
Fig. 11 - Normalized Current Transfer Ratio vs.
Ambient Temperature
Fig. 12 - Normalized hFE vs. Base Current
Fig. 13 - Normalized hFE vs. Base Current
Fig. 14 - Photo Current vs. Forward Current
Fig. 15 - Photo Current vs. Forward Current
Fig. 16 - Switching Time vs. Load Resistance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 55 - 35 - 15 5
25
45
65
85 105 125
Tamb - Ambient Temperature (°C)
17633
Normalized to IF = 16 mA,
Tamb = 25 C, VCC= 5 V
VO = 5 V, non–saturated
10 mA
5 mA
IF = 1 mA
16 mA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.10
1.00
10.00
100.00
IB - Base Current (mA)
17634
Normalized to
IB = 20 μA, Tamb = 25 °C
VO = 5 V, non saturated
110 ºC
0 ºC
50 ºC
25 ºC
- 55 ºC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.10
1.00
10.00
100.00
IB - Base Current (mA)
17635
Normalized to
IB = 20 μA, Tamb = 25 °C
VO = 0.4 V, saturated
110 °C
0 °C
50 °C
25 °C
- 55 °C
0.01
0.10
1.00
10.00
100.00
0.01
0.10
1.00
10.00
100.00
IF - Forward Current (mA)
17636
110 °C
50 °C
25 °C
0 °C
- 55 °C
VCC = 5 V
0.01
0.10
1.00
10.00
100.00
IF - Forward Current (mA)
17637
110 °C
50 °C
25 °C
0 °C
- 55 °C
VCC = 5 V
normalized to
IF = 16 mA
0.0001
0.001
0.01
0.1
1
10
0
500
1000
1500
2000
2500
3000
0.0
0.5
1.0
1.5
2.0
2.5
RL - Load Resistance (k )
Ω
17638
VCC = VO = 5 V,
IF = 16 mA
Tamb = 25 °C
toff
ton


Podobny numer części - 6N1135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
6N1135-X007 VISHAY-6N1135-X007 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
More results

Podobny opis - 6N1135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com