Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N138-X009 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części 6N138-X009
Szczegółowy opis  High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N138-X009 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  6N138-X009 Datasheet HTML 1Page - Vishay Siliconix 6N138-X009 Datasheet HTML 2Page - Vishay Siliconix 6N138-X009 Datasheet HTML 3Page - Vishay Siliconix 6N138-X009 Datasheet HTML 4Page - Vishay Siliconix 6N138-X009 Datasheet HTML 5Page - Vishay Siliconix 6N138-X009 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83605
186
Rev. 1.5, 07-May-08
6N138/6N139
Vishay Semiconductors
High Speed Optocoupler, 100 kBd,
Low Input Current, Photodiode Darlington
Output
Notes
(1) Tamb = 25 °C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the
device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
(2) Pin 7 open.
(3) Device considered a two-terminal device: pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
Notes
(1) DC current transfer ratio is defined as the ratio of output collector current, IO, to the forward LED input current, IF times 100 %.
(2) Pin 7 open.
Notes
(1) Pin 7 open.
(2) Using a resistor between pin 5 and 7 will decrease gain and delay time.
OUTPUT
Logic low, output voltage (2)
IF = 1.6 mA, IO = 4.8 mA,
VCC = 4.5 V
6N138
VOL
0.1
0.4
V
IF = 1.6 mA, IO = 8.0 mA,
VCC = 4.5 V
6N139
VOL
0.1
0.4
V
IF = 5.0 mA, IO = 15 mA,
VCC = 4.5 V
6N139
VOL
0.15
0.4
V
IF = 12 mA, IO = 24 mA,
VCC = 4.5 V
6N139
VOL
0.25
0.4
V
Logic high, output current (2)
IF = 0 mA, VCC = 7.0 V
6N138
IOH
0.1
250
µA
IF = 0 mA, VCC = 18 V
6N139
IOH
0.05
100
µA
Logic low supply current (2)
IF = 1.6 mA, VO = OPEN,
VCC = 18 V
ICCL
0.2
1.5
mA
Logic high supply current (2)
IF = 0 mA, VO = OPEN,
VCC = 18 V
ICCH
0.001
10
µA
COUPLER
Input capacitance
f = 1.0 MHz, VF = 0
CIN
25
pF
Input output insulation leakage
current (3)
45 % relative humidity,
Tamb = 25 °C, t = 5.0 s,
VIO = 3000 VDC
1.0
µA
Resistance (input to output) (3)
VIO = 500 VDC
RIO
1012
Ω
Capacitance (input to output) (3)
f = 1.0 MHz
CIO
0.6
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio (1)(2)
IF = 1.6 mA, VO = 0.4 V,
VCC = 4.5 V
6N138
CTR
300
1600
%
Current transfer ratio
IF = 0.5 mA, VO = 0.4 V,
VCC = 4.5 V
6N139
CTR
400
1600
%
IF = 1.6 mA, VO = 0.4 V,
VCC = 4.5 V
6N139
CTR
500
2000
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Propagation delay time to logic
low at output
IF = 1.6 mA, RL = 2.2 kΩ
6N138
tPHL
2.0
10
µs
Propagation delay time to logic
low at output (1)(2)
IF = 0.5 mA, RL = 4.7 kΩ
6N139
tPHL
6.0
25
µs
IF = 12 mA, RL = 270 Ω
6N139
tPHL
0.6
1.0
µs
Propagation delay time to logic
high at output
IF = 1.6 mA, RL = 2.2 kΩ
6N138
tPLH
2.0
35
µs
IF = 0.5 mA, RL = 4.7 kΩ
6N139
tPLH
4.0
60
µs
Propagation delay time to logic
high at output (1)(2)
IF = 12 mA, RL = 270 Ω
6N139
tPLH
1.5
7.0
µs
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Podobny numer części - 6N138-X009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N138-X009 VISHAY-6N138-X009 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
More results

Podobny opis - 6N138-X009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com