Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4469 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części 1N4469
Szczegółowy opis  1.5 WATT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4469 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  1N4469 Datasheet HTML 1Page - Central Semiconductor Corp 1N4469 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4460
THRU
1N4496
1.5 WATT ZENER DIODE
6.2 VOLTS TO 200 VOLTS
5% TOLERANCE
DO-41 CASE
Central
Semiconductor Corp.
TM
R2 (17-May 2007)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N4460
Series silicon zener diode is a high quality voltage
regulator for use in automotive, industrial,
commercial,
entertainment
and
computer
applications.
MARKING CODE: FULL PART NUMBER
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
CURRENT
MAXIMUM
SURGE
CURRENT*
ZENER
VOLTAGE
REGULATION
FACTOR**
∆VZ
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZT @ IZK
IR @ VR
IZM
IS
V
V
V
mA
mA
µA
V
mA
A
V
1N4460
5.89
6.2
6.51
40
4.0
200
1.0
20
3.72
230
5.5
0.35
1N4461
6.46
6.8
7.14
37
2.5
200
1.0
5.0
4.08
210
5.0
0.30
1N4462
7.13
7.5
7.88
34
2.5
400
0.5
1.0
4.50
191
4.5
0.35
1N4463
7.79
8.2
8.61
31
3.0
400
0.5
0.5
4.92
174
3.9
0.40
1N4464
8.65
9.1
9.56
28
4.0
500
0.5
0.3
5.46
157
3.4
0.45
1N4465
9.50
10
10.50
25
5.0
500
0.25
0.5
8.00
143
3.0
0.50
1N4466
10.45
11
11.55
23
6.0
550
0.25
0.3
8.80
130
2.6
0.55
1N4467
11.40
12
12.60
21
7.0
550
0.25
0.2
9.60
119
2.4
0.60
1N4468
12.35
13
13.65
19
8.0
550
0.25
0.1
10.40
110
2.2
0.65
1N4469
14.25
15
15.75
17
9.0
600
0.25
0.05
12.00
95
1.8
0.75
1N4470
15.20
16
16.80
15.5
10
600
0.25
0.05
12.80
90
1.6
0.80
1N4471
17.10
18
18.90
14
11
650
0.25
0.05
14.40
79
1.4
0.83
1N4472
19.00
20
21.00
12.5
12
650
0.25
0.05
16.00
71
1.2
0.95
1N4473
20.90
22
23.10
11.5
14
650
0.25
0.05
17.60
65
1.1
1.00
1N4474
22.80
24
25.20
10.5
16
700
0.25
0.05
19.20
60
0.90
1.10
1N4475
25.65
27
28.35
9.5
18
700
0.25
0.05
21.60
53
0.80
1.30
1N4476
28.50
30
31.50
8.5
20
750
0.25
0.05
24.00
48
0.75
1.40
1N4477
31.35
33
34.65
7.5
25
800
0.25
0.05
26.40
43
0.66
1.50
1N4478
34.20
36
37.80
7.0
27
850
0.25
0.05
28.80
40
0.60
1.70
1N4479
37.05
39
40.95
6.5
30
900
0.25
0.05
31.20
37
0.54
1.80
1N4480
40.85
43
45.15
6.0
40
950
0.25
0.05
34.40
33
0.48
1.90
MAXIMUM RATINGS: (TA=25°C )
SYMBOL
UNITS
Power Dissipation
PD
1.5
W
Operating and Storage Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) .
*
**
Ratings shown are for peak 1/2 sinusoidal surge current of 8.3ms duration, non-repetative.
Zener voltage shall be measured at 10% of the IZM (Maximum DC Current). The current shall then be increased
to 50% of the IZM and maintained at this level for a period of 90 seconds, at which time the absolute value of the
change in Zener voltage ( VZ @ 10% – VZ @ 50% ) shall not exceed the Zener Voltage Regulation Factor. The
device is to be suspended by its leads 3/8” from the body in free air at 25°C.


Podobny numer części - 1N4469

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4469 MICROSEMI-1N4469 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4469 CENTRAL-1N4469 Datasheet
53Kb / 1P
   ZENER DIODES
logo
Semtech Corporation
1N4469 SEMTECH-1N4469 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4469 EIC-1N4469 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
logo
Sensitron
1N4469 SENSITRON-1N4469 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results

Podobny opis - 1N4469

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
1N5921B-LFR FRONTIER-1N5921B-LFR Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Micro Commercial Compon...
1N5913BP MCC-1N5913BP_18 Datasheet
513Kb / 5P
   1.5 Watt Zener Diode 3.3to 4.7 Volts
1N5913BP MCC-1N5913BP_13 Datasheet
509Kb / 5P
   1.5 Watt Zener Diode 3.3to 200 Volts
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com