Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL335 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL335
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g Accelerometer
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Preliminary Technical Data
ADXL335
Rev. PrA | Page 5 of 11
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
CENTER PAD IS NOT
INTERNALLY CONNECTED
BUT SHOULD BE SOLDERED
FOR MECHANICAL INTEGRITY
0.50
MAX
0.65
0.325
1.95
0.65
0.325
4
4
0.35
MAX
1.95
DIMENSIONS SHOWN IN MILLIMETERS
Figure 4. Recommended PCB Layout
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect (or optionally ground)
2
ST
Self Test
3
NC
No Connect1
4
NC
No Connect1
5
COM
Common
6
NC
No Connect1
7
NC
No Connect1
8
ZOUT
Z Channel Output
9
NC
No Connect (or optionally ground)
10
YOUT
Y Channel Output
11
NC
No Connect1
12
XOUT
X Channel Output
13
NC
No Connect1
14
NC
No Connect1
15
VS
Supply Voltage (1.8 V to 3.6 V)
16
NC
No Connect1
1NC pins are not internally connected and can be tied to Vs or Common unless otherwise noted.
1
2
3
4
567
8
13
14
15
16
12
11
10
9
+Y
+X
NC
ST
NC
NC
X
OUT
NC
Y
OUT
NC
ADXL335
TOP VIEW
(Not to Scale)
+Z
1
2
3
4
567
8
13
14
15
16
12
11
10
9
+Y
+X
NC
ST
NC
NC
X
OUT
NC
Y
OUT
NC
ADXL335
TOP VIEW
(Not to Scale)
+Z




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL330_07Small Low Power 3-Axis ±3 g i MEMS® Accelerometer 1 2 3 4 5 MoreAnalog Devices
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-D023-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E013-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E023-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E043-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E053-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
STEVAL-MKI006V1MEMS 3-axis - ±2g/±8g digital output low power linear accelerometer evaluation board based on LIS302DL 1 2 3 4 STMicroelectronics
STEVAL-MKI004V1MEMS 3-axis - ±2g/±6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ 1 2 3 4 STMicroelectronics
LIS3LV02DL_08MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics