Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL335 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL335
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g Accelerometer
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 8 page
background image
ADXL335
Preliminary Technical Data
Rev. PrA | Page 8 of 11
The ADXL335 output is ratiometric, therefore, the output
sensitivity (or scale factor) varies proportionally to the
supply voltage. At VS = 3.6 V, the output sensitivity is
typically 360 mV/g. At VS = 2 V, the output sensitivity is
typically 195 mV/g.
The zero g bias output is also ratiometric, so the zero g output is
nominally equal to VS/2 at all supply voltages.
The output noise is not ratiometric but is absolute in volts;
therefore, the noise density decreases as the supply voltage
increases. This is because the scale factor (mV/g) increases
while the noise voltage remains constant. At VS = 3.6 V, the
X- and Y-axis noise density is typically 120 μg/√Hz, while at
VS = 2 V, the X- and Y-axis noise density is typically 270 μg/√Hz.
Self test response in g is roughly proportional to the square of
the supply voltage. However, when ratiometricity of sensitivity
is factored in with supply voltage, the self test response in volts
is roughly proportional to the cube of the supply voltage. For
example, at VS = 3.6 V, the self test response for the ADXL335 is
approximately −275 mV for the X-axis, +275 mV for the Y-axis,
and −100 mV for the Z-axis.
At VS = 2 V, the self test response is approximately −60 mV for
the X-axis, +60 mV for the Y-axis, and −25 mV for the Z-axis.
The supply current decreases as the supply voltage decreases.
Typical current consumption at VS = 3.6 V is 375 μA, and
typical current consumption at VS = 2 V is 200 μA.
AXES OF ACCELERATION SENSITIVITY
AZ
AY
AX
TOP
Figure 5. Axes of Acceleration Sensitivity, Corresponding Output Voltage
Increases When Accelerated Along the Sensitive Axis
XOUT = –1g
YOUT = 0g
ZOUT = 0g
GRAVITY
XOUT = 0g
YOUT = 1g
ZOUT = 0g
XOUT = 0g
YOUT = –1g
ZOUT = 0g
XOUT = 1g
YOUT = 0g
ZOUT = 0g
XOUT = 0g
YOUT = 0g
ZOUT = 1g
XOUT = 0g
YOUT = 0g
ZOUT = –1g
TOP
TOP
TOP
TOP
TOP
Figure 6. Output Response vs. Orientation to Gravity




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL330_07Small Low Power 3-Axis ±3 g i MEMS® Accelerometer 1 2 3 4 5 MoreAnalog Devices
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-D023-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E013-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E023-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E043-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E053-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
STEVAL-MKI006V1MEMS 3-axis - ±2g/±8g digital output low power linear accelerometer evaluation board based on LIS302DL 1 2 3 4 STMicroelectronics
STEVAL-MKI004V1MEMS 3-axis - ±2g/±6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ 1 2 3 4 STMicroelectronics
LIS3LV02DL_08MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics