Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL335 Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL335
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g Accelerometer
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
Preliminary Technical Data
ADXL335
Rev. PrA | Page 9 of 11
OUTLINE DIMENSIONS
16
5
13
8
9
12
1
4
0.65 BSC
2.43
1.75 SQ
1.08
1.95 BSC
0.20 MIN
PIN 1
INDICATOR
BOTTOM
VIEW
0.20 MIN
SEATING
PLANE
1.50
1.45
1.40
PIN 1
INDICATOR
TOP
VIEW
COPLANARITY
0.05
0.05 MAX
0.02 NOM
0.35
0.30
0.25
0.55
0.50
0.45
4.15
4.00 SQ
3.85
*STACKED DIE WITH GLASS SEAL.
Figure 7. 16-Lead Lead Frame Chip Scale Package [LFCSP_LQ]
4 mm × 4 mm Body, 1.45mm Thick Quad
(CP-16-5a*)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Measurement Range
Specified Voltage
Temperature Range
Package Description
Package Option
ADXL335BCPZ1
±3 g
3 V
−40°C to +85°C
16-Lead LFCSP_LQ
CP-16-5a
ADXL335BCPZ–RL1
±3 g
3 V
−40°C to +85°C
16-Lead LFCSP_LQ
CP-16-5a
ADXL335BCPZ–RL71
±3 g
3 V
−40°C to +85°C
16-Lead LFCSP_LQ
CP-16-5a
EVAL-ADXL335Z1
Evaluation Board
1 Z = Pb-free part.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL330_07Small Low Power 3-Axis ±3 g i MEMS® Accelerometer 1 2 3 4 5 MoreAnalog Devices
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-D023-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E013-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E023-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E043-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E053-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
STEVAL-MKI006V1MEMS 3-axis - ±2g/±8g digital output low power linear accelerometer evaluation board based on LIS302DL 1 2 3 4 STMicroelectronics
STEVAL-MKI004V1MEMS 3-axis - ±2g/±6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ 1 2 3 4 STMicroelectronics
LIS3LV02DL_08MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics