Zakładka z wyszukiwarką danych komponentów |
|
2W10G Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
2W10G Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 4 page 2W005G thru 2W10G Vishay General Semiconductor Document Number: 88528 Revision: 15-Apr-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1 Glass Passivated Single-Phase Bridge Rectifier FEATURES • UL recognition, file number E54214 • Ideal for printed circuit boards • Typical IR less than 0.5 µA • High case dielectric strength • High surge current capability • Solder dip 260 °C, 40 s • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for power supply, adapter, charger, lighting ballaster on consumers and home appliances applications. MECHANICAL DATA Case: WOG Epoxy meets UL 94V-0 flammability rating Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 E4 suffix for consumer grade Polarity: As marked on body e4 PRIMARY CHARACTERISTICS IF(AV) 2.0 A VRRM 50 V to 1000 V IFSM 60 A IR 5.0 µA VF 1.1 V TJ max. 150 °C Case Style WOG + − ~ ~ + − ~ ~ MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL 2W005G 2W01G 2W02G 2W04G 2W06G 2W08G 2W10G UNIT Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified current at 0.375" (9.5 mm) lead length (Fig. 1) IF(AV) 2.0 A Peak forward surge current single sine-wave superimposed on rated load IFSM 60 A Rating for fusing (t < 8.3 ms) I2t 15 A2s Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
Podobny numer części - 2W10G |
|
Podobny opis - 2W10G |