Zakładka z wyszukiwarką danych komponentów |
|
4N32-X007 Arkusz danych(PDF) 5 Page - Vishay Siliconix |
|
4N32-X007 Arkusz danych(HTML) 5 Page - Vishay Siliconix |
5 / 8 page Document Number: 81865 For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com Rev. 1.0, 11-Mar-08 5 4N32-X000/4N33-X000 Optocoupler, Photodarlington Output, High Gain, with Base Connection Vishay Semiconductors PACKAGE DIMENSIONS in millimeters For 4N32/33.... see DIL300-6 Package dimension in the package section. For products with an option designator (e.g. 4N32-X007 or 4N33-X009).... see DIP-6 Package dimensions in the package section. DIL300-6 Package Dimensions DIP-6 Package Dimensions 14770 6.4 max. 7.62 ± 0.1 B 0.4 B technical drawings according to DIN specifications Weight: ca. 0.50 g Creepage distance: > 6 mm Air path: > 6 mm after mounting on PC board 1 2 3 6 5 4 8.8 max. 8.6 max. 1.54 2.54 nom. 5.08 nom. 0.58 max. 0.3 A A 9 ± 0.6 0.3 max. i178004 0.010 (0.25) typ. 0.114 (2.90) 0.130 (3.0) 0.130 (3.30) 0.150 (3.81) 0.031 (0.80) min. 0.300 (7.62) typ. 0.031 (0.80) 0.035 (0.90) 0.100 (2.54) typ. 0.039 (1.00) min. 0.018 (0.45) 0.022 (0.55) 0.048 0.022 (0.55) 0.248 (6.30) 0.256 (6.50) 0.335 (8.50) 0.343 (8.70) Pin one ID 6 5 4 1 2 3 18 ° 3° to 9° 0.300 to 0.347 (7.62 to 8.81) 4° typ. ISO method A (0.45) |
Podobny numer części - 4N32-X007 |
|
Podobny opis - 4N32-X007 |