Zakładka z wyszukiwarką danych komponentów |
|
4N33-X009 Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
4N33-X009 Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 8 page Document Number: 81865 For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com Rev. 1.0, 11-Mar-08 1 Optocoupler, Photodarlington Output, High Gain, with Base Connection 4N32-X000/4N33-X000 Vishay Semiconductors DESCRIPTION The 4N32 and 4N33 are optically coupled isolators with a gallium arsenide infrared LED and a solicon photodarlington sensor. Switching can be achieved while maintaining a high degree of isolation between driving and load circuits. These optocouplers can be used to replace reed and mercury relays with advantages of long life, high speed switching and elimination of magnetic fields. FEATURES • Very high current transfer ratio, 500 % min. • High isolation resistance, 1011 Ω typical • Standard plastic DIP package • Lead (Pb)-free component • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC AGENCY APPROVALS • UL1577, file no. E52744 system code H or J, double protection • DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 • BSI IEC60950; IEC60065 Note For additional information on the available options refer to option information. i179005 1 2 3 6 5 4 B C E A C NC ORDER INFORMATION PART REMARKS 4N32-X000 CTR > 500 %, DIP-6 4N33-X000 CTR > 500 %, DIP-6 4N32-X007 CTR > 500 %, SMD-6 (option 7) 4N32-X009 CTR > 500 %, SMD-6 (option 9) 4N33-X007 CTR > 500 %, SMD-6 (option 7) 4N33-X009 CTR > 500 %, SMD-6 (option 9) ABSOLUTE MAXIMUM RATINGS (1) PARAMETER TEST CONDITION SYMBOL VALUE UNIT INPUT Reverse voltage VR 3V Forward current IF 60 mA Power dissipation Pdiss 100 mW Derate linearly from 55 °C 1.33 mW/°C OUTPUT Collector emitter breakdown voltage BVCEO 30 V Emitter base breakdown voltage BVEBO 8V Collector base breakdown voltage BVCBO 50 V Emitter collector breakdown voltage BVECO 5V Collector (load) current IC 125 mA Power dissipation Pdiss 150 mW Derate linearly 2mW/°C |
Podobny numer części - 4N33-X009 |
|
Podobny opis - 4N33-X009 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |