Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1016K Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części 2SA1016K
Szczegółowy opis  High-Voltage Low-Noise Amp Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1016K Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  2SA1016K_08 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1016K_08 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1016K_08 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1016K_08 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1016K_08 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SA1016, 1016K / 2SC2362, 2362K
No.0572-5/5
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party’s
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of July, 2008. Specifications and information herein are subject
to change without notice.


Podobny numer części - 2SA1016K_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1016K SANYO-2SA1016K Datasheet
127Kb / 4P
   High-Voltage Low-Noise Amp Applications
More results

Podobny opis - 2SA1016K_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1016 SANYO-2SA1016 Datasheet
127Kb / 4P
   High-Voltage Low-Noise Amp Applications
2SK932 SANYO-2SK932 Datasheet
78Kb / 3P
   High-Frequency Low-Noise Amp Applications
2SK1961 SANYO-2SK1961 Datasheet
128Kb / 5P
   High-Frequency Low-Noise Amp Applications???????
2SK2074 SANYO-2SK2074 Datasheet
79Kb / 3P
   High-Frequency Low-Noise Amp Applications?????????
2SK2218 SANYO-2SK2218 Datasheet
130Kb / 5P
   High-Frequency Low-Noise Amp Applications??????????
2SK222 SANYO-2SK222 Datasheet
74Kb / 3P
   High-Frequency, Low-Noise Amp Applications????????????
FC156 SANYO-FC156 Datasheet
133Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications?
FH102 SANYO-FH102 Datasheet
66Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications
FC157 SANYO-FC157 Datasheet
147Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications???
2SK2395 SANYO-2SK2395 Datasheet
79Kb / 3P
   Low-Noise HF Amp Applications?
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com