Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD85N3LH5 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STD85N3LH5
Szczegółowy opis  N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD85N3LH5 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STD85N3LH5 Datasheet HTML 1Page - STMicroelectronics STD85N3LH5 Datasheet HTML 2Page - STMicroelectronics STD85N3LH5 Datasheet HTML 3Page - STMicroelectronics STD85N3LH5 Datasheet HTML 4Page - STMicroelectronics STD85N3LH5 Datasheet HTML 5Page - STMicroelectronics STD85N3LH5 Datasheet HTML 6Page - STMicroelectronics STD85N3LH5 Datasheet HTML 7Page - STMicroelectronics STD85N3LH5 Datasheet HTML 8Page - STMicroelectronics STD85N3LH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD85N3LH5 - STP85N3LH5 - STU85N3LH5
Electrical ratings
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDS
Drain-source voltage (VGS = 0) @ TJMAX
35
V
VGS
Gate-source voltage
± 22
V
ID
(1)
1.
Limited by wire bonding
Drain current (continuous) at TC = 25 °C
80
A
ID
Drain current (continuous) at TC = 100 °C
55
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25 °C
70
W
Derating factor
0.47
W/°C
EAS
(3)
3.
Starting Tj = 25°C, ID = 40 A, VDD = 25 V
Single pulse avalanche energy
165
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
2.14
°C/W
Rthj-amb
Thermal resistance junction-case max
100
°C/W
Tj
Maximum lead temperature for soldering purpose
275
°C


Podobny numer części - STD85N3LH5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
logo
VBsemi Electronics Co.,...
STD85N3LH5 VBSEMI-STD85N3LH5 Datasheet
1,003Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
More results

Podobny opis - STD85N3LH5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD75N3LLH6 STMICROELECTRONICS-STD75N3LLH6 Datasheet
1Mb / 21P
   N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
   N-channel 30 V, 0.0072 廓, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
   N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com